Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GM393D8T Datasheet(PDF) 1 Page - Gamma Microelectronics Inc.

Part # GM393D8T
Description  LOW POWER DUAL DIFFERENTIAL COMPARATOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMMA [Gamma Microelectronics Inc.]
Direct Link  http://www.gammamicro.com.tw/
Logo GAMMA - Gamma Microelectronics Inc.

GM393D8T Datasheet(HTML) 1 Page - Gamma Microelectronics Inc.

  GM393D8T Datasheet HTML 1Page - Gamma Microelectronics Inc. GM393D8T Datasheet HTML 2Page - Gamma Microelectronics Inc. GM393D8T Datasheet HTML 3Page - Gamma Microelectronics Inc. GM393D8T Datasheet HTML 4Page - Gamma Microelectronics Inc. GM393D8T Datasheet HTML 5Page - Gamma Microelectronics Inc. GM393D8T Datasheet HTML 6Page - Gamma Microelectronics Inc. GM393D8T Datasheet HTML 7Page - Gamma Microelectronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
GM393
LOW POWER DUAL
DIFFERENTIAL COMPARATOR
1
Application
High precision comparators
Simple Analog to Digital Converters
Pulse, Square Wave Generators
Wide Range VCO
MOS Clock Timer
Description
The GM393 consists of two independent
precision voltage comparators with an offset
voltage specification as low as 2.0 mV max for
two comparators which were designed
specifically to operate from a single power
supply over a wide range of voltages. Operation
from split power supplies is also possible and
the low power supply current drain is
independent of the magnitude of the power
supply voltage. These comparators also have a
unique characteristic. In that, the input common-
mode voltage range includes ground, even
though operated from a single power supply
voltage.
Application areas include limit comparators,
simple analog to digital converters; pulse,
square wave and time delay generators; wide
range VCO; MOS clock timers; multivibrators
and high voltage digital logic gates. The GM393
are designed to directly interface with TTL and
CMOS. When operated from both plus and
minus power supplies, the GM393 will directly
interface with MOS logic, where their low power
drain is a distinct advantage over standard
comparators.
The GM393 is available in DIP-8 and SOP-8
packages.
Features
Single- supply Range: ±1.0V to ±18V
Wide supply voltage range: ±2.0V to
±36V
Very low supply current drain (0.4 mA) -
independent of supply voltage
Low input biasing current: 25 nA
Low input offset current: ±5 nA
Maximum offset voltage: ±3 mV
Input common-mode voltage range
includes ground
Differential input voltage range equal to
the power supply voltage
Low output saturation voltage: 250 mV
at 4 mA
Output voltage compatible with TTL,
DTL, ECL, MOS and CMOS logic
systems


Similar Part No. - GM393D8T

ManufacturerPart #DatasheetDescription
logo
Gamma Microelectronics ...
GM393D8T GAMMA-GM393D8T Datasheet
169Kb / 8P
LOW POWER DUAL DIFFERENTIAL COMPARATOR
More results

Similar Description - GM393D8T

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC1414 MOTOROLA-MC1414 Datasheet
210Kb / 4P
DUAL DIFFERENTIAL COMPARATOR
logo
Unisonic Technologies
LM393 UTC-LM393_05 Datasheet
184Kb / 6P
DUAL DIFFERENTIAL COMPARATOR
logo
Gamma Microelectronics ...
GM393 GAMMA-GM393 Datasheet
169Kb / 8P
LOW POWER DUAL DIFFERENTIAL COMPARATOR
logo
GTM CORPORATION
GSCLM393 GTM-GSCLM393 Datasheet
229Kb / 4P
DUAL DIFFERENTIAL COMPARATOR
logo
First Components Intern...
LM393 FCI-LM393 Datasheet
71Kb / 4P
Dual Differential Comparator
logo
SeCoS Halbleitertechnol...
SPWLM393D SECOS-SPWLM393D Datasheet
761Kb / 4P
Dual Differential Comparator
SPWLM393S SECOS-SPWLM393S Datasheet
763Kb / 4P
Dual Differential Comparator
logo
Texas Instruments
LM293-EP TI1-LM293-EP_14 Datasheet
346Kb / 9P
DUAL DIFFERENTIAL COMPARATOR
LM293-EP TI1-LM293-EP_16 Datasheet
346Kb / 8P
DUAL DIFFERENTIAL COMPARATOR
logo
Unisonic Technologies
LM393 UTC-LM393 Datasheet
181Kb / 5P
DUAL DIFFERENTIAL COMPARATOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com