Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GM393D8T Datasheet(PDF) 4 Page - Gamma Microelectronics Inc.

Part # GM393D8T
Description  LOW POWER DUAL DIFFERENTIAL COMPARATOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMMA [Gamma Microelectronics Inc.]
Direct Link  http://www.gammamicro.com.tw/
Logo GAMMA - Gamma Microelectronics Inc.

GM393D8T Datasheet(HTML) 4 Page - Gamma Microelectronics Inc.

  GM393D8T Datasheet HTML 1Page - Gamma Microelectronics Inc. GM393D8T Datasheet HTML 2Page - Gamma Microelectronics Inc. GM393D8T Datasheet HTML 3Page - Gamma Microelectronics Inc. GM393D8T Datasheet HTML 4Page - Gamma Microelectronics Inc. GM393D8T Datasheet HTML 5Page - Gamma Microelectronics Inc. GM393D8T Datasheet HTML 6Page - Gamma Microelectronics Inc. GM393D8T Datasheet HTML 7Page - Gamma Microelectronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
GM393
LOW POWER DUAL
DIFFERENTIAL COMPARATOR
Electrical Characteristics (VCC = 5V, at specified free-air temperature, unless otherwise
specified)
Parameter
Symbol
Condition
Min
Typ
Max
Unit
TA = 25℃
±
2
±
5
Input offset Voltage
VIO
VCC = 5V to Max
VIC = VICR min
VO = 1.4V
Full Range
9
mV
TA = 25℃
±
5
±
50
Input Offest Current
IIO
VO = 1.4V
Full Range
±1
50
nA
TA = 25℃
-20
-250
Input Bias Current
IIB
VO =1.4V
Full Range
400
nA
TA = 25℃
0 to VCC-1.5V
Common-Mode Input
Voltage Range**
VICR
Full Range
0 to VCC-2.0V
V
TA = 25℃
150
400
High-Level output
Voltage
VOL
IOL = 4mA, VID = 1V
Full Range
700
mV
Large-Signal
Differential Voltage
Amplification
AVD
VCC = 15V,
VO = 1V to 11V
RL = 15K to VCC
TA = 25℃
50
200
V/mV
VOH = 5V, VID = 1V
TA = 25℃
0.1
50
nA
High Level Output
Current
IOH
VOH = 30V, VID = 1V
Full Range
1
µA
Low Level Output
Current
IOL
VOH = 1.5V, VID = -1V
TA = 25℃
6
mA
RL =
∞, VCC = 5V
TA = 25℃
0.8
1.0
Supply Current
ICC
RL =
∞, VCC = 30V
Full Range
2.5
mA
100mV input
step with 5mV
overdrive
1.3
Response Time
(Note 1)
RL Connected to
5V through 5.1k.
CL = 15pF
TTL - level input
step
0.3
µs
All characteristics are measured under open loop conditions with zero common-mode input voltage unless otherwise specified.
"MAX" VCC for testing purposes is 30V. Full range is 0°C to 70°C.
** The voltage at either input or common - mode should not be allowed to go negative by more than 0.3V. The upper end of the
common - mode voltage range is VCC - 1.5V, but either or both inputs can go to 30V without damage.
Note 1: CL includes probe and jig capacitance. The response time specified is the interval between the input step function and the
instant when the output crosses 1.4V.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com