Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMC2301 Datasheet(PDF) 21 Page - SMSC Corporation

Part # EMC2301
Description  RPM-Based PWM Fan Controller
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC2301 Datasheet(HTML) 21 Page - SMSC Corporation

Back Button EMC2301 Datasheet HTML 17Page - SMSC Corporation EMC2301 Datasheet HTML 18Page - SMSC Corporation EMC2301 Datasheet HTML 19Page - SMSC Corporation EMC2301 Datasheet HTML 20Page - SMSC Corporation EMC2301 Datasheet HTML 21Page - SMSC Corporation EMC2301 Datasheet HTML 22Page - SMSC Corporation EMC2301 Datasheet HTML 23Page - SMSC Corporation EMC2301 Datasheet HTML 24Page - SMSC Corporation EMC2301 Datasheet HTML 25Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 42 page
background image
RPM-Based PWM Fan Controller
Datasheet
SMSC EMC2301
21
Revision 1.1 (10-12-09)
DATASHEET
4.8
Watchdog Timer
The EMC2301 contains an internal Watchdog Timer for the fan driver. The Watchdog timer monitors
the SMBus traffic for signs of activity and works in two different modes based upon device operation.
These modes are Power Up Operation and Continuous Operation as described below.
For either mode of operation, if four (4) seconds elapse without activity detected by the host, then the
watchdog will be triggered and the following will occur:
1. The WATCH status bit will be set.
2. The fan driver will be set to full scale drive. It will remain at full scale drive until it is disabled.
APPLICATION NOTE: When the Watchdog timer is activated, the Fan Speed Control Algorithm is automatically
disabled. Disabling the Watchdog will not automatically set the fan drive nor re-activate the
Fan Speed Control Algorithm. This must be done manually.
4.8.1
Power Up Operation
The Watchdog Timer only starts immediately after power-up. Once it has been triggered or deactivated,
it will not restart although it can be configured to operate in Continuous operation. While the Watchdog
timer is active, the device will not check for a Stalled Fan condition.
In the Power Up Operation, the Watchdog Timer is disabled by any of the following actions:
1. Writing the Fan Setting Register will disable the Watchdog Timer.
2. Enabling the RPM-based Fan Speed Control Algorithm by setting the EN_ALGO bit will disable the
Watchdog Timer. The fan driver will be set based on the RPM-based Fan Speed Control Algorithm.
Writing any other configuration registers will not disable the Watchdog Timer upon power up.
Figure 4.3 Ramp Rate Control
Previous
Setting
Next Desired
Setting
Max
Step
Max
Step
Update
Time
Update
Time
Setting Changed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com