Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMC2301 Datasheet(PDF) 7 Page - SMSC Corporation

Part # EMC2301
Description  RPM-Based PWM Fan Controller
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC2301 Datasheet(HTML) 7 Page - SMSC Corporation

Back Button EMC2301 Datasheet HTML 3Page - SMSC Corporation EMC2301 Datasheet HTML 4Page - SMSC Corporation EMC2301 Datasheet HTML 5Page - SMSC Corporation EMC2301 Datasheet HTML 6Page - SMSC Corporation EMC2301 Datasheet HTML 7Page - SMSC Corporation EMC2301 Datasheet HTML 8Page - SMSC Corporation EMC2301 Datasheet HTML 9Page - SMSC Corporation EMC2301 Datasheet HTML 10Page - SMSC Corporation EMC2301 Datasheet HTML 11Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 42 page
background image
RPM-Based PWM Fan Controller
Datasheet
SMSC EMC2301
7
Revision 1.1 (10-12-09)
DATASHEET
Chapter 1 Pin Description
The pin types are described in detail below. All pins labeled with (5V) are 5V tolerant.
APPLICATION NOTE: For the 5V tolerant pins that have a pull-up resistor, the voltage difference between VDD and
the 5V tolerant pad must never be more than 3.6V.
Figure 1.1 EMC2301 Pin Diagram (8 pin MSOP)
Table 1.1 Pin Description for EMC2301
PIN NUMBER
PIN NAME
PIN FUNCTION
PIN TYPE
1SMDATA
SMBus data input/output - requires
external pull-up resistor
DIOD (5V)
2SMCLK
SMBus clock input - requires external
pull-up resistor
DI (5V)
3
VDD
Power Supply
Power
4
GND
Ground
Power
5PWM
Push-Pull PWM output driver for the Fan
DO
Open Drain PWM output driver for the Fan
OD (5V)
6TACH
Open drain tachometer input for the Fan -
requires pull-up resistor
DI (5V)
7CLK
Clock input for tachometer measurement
DI (5V)
Push-Pull Clock output to other fan
controllers to synchronize Fan Speed
Control
DO
8ALERT#
Active low interrupt - requires external
pull-up resistor.
OD (5V)
EMC2301
8-MSOP
1
2
3
8
7
6
VDD
SMCLK
PWM
SMDATA
CLK
GND
TACH
ALERT#
4
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com