Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB4640 Datasheet(PDF) 21 Page - SMSC Corporation

Part # USB4640
Description  High Speed Inter-Chip (HSIC) USB 2.0 Hub and Flash Media Controller
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB4640 Datasheet(HTML) 21 Page - SMSC Corporation

Back Button USB4640 Datasheet HTML 17Page - SMSC Corporation USB4640 Datasheet HTML 18Page - SMSC Corporation USB4640 Datasheet HTML 19Page - SMSC Corporation USB4640 Datasheet HTML 20Page - SMSC Corporation USB4640 Datasheet HTML 21Page - SMSC Corporation USB4640 Datasheet HTML 22Page - SMSC Corporation USB4640 Datasheet HTML 23Page - SMSC Corporation USB4640 Datasheet HTML 24Page - SMSC Corporation USB4640 Datasheet HTML 25Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 64 page
background image
High Speed Inter-Chip (HSIC) USB 2.0 Hub and Flash Media Controller
Datasheet
SMSC USB4640/USB4640i
21
Revision 1.0 (06-09-09)
DATASHEET
6.2
Buffer Type Descriptions
Table 6.2 USB4640/USB4640i Buffer Type Descriptions
BUFFER
DESCRIPTION
I
Input.
I/O
Input/output.
IPU
Input with weak internal pull-up.
IS
Input with Schmitt trigger.
I/O6
Input/output buffer with 6 mA sink and 6 mA source.
I/OD6PU
Input/open drain output buffer with a 6 mA sink.
O8
Output buffer with an 8 mA sink and an 8 mA source.
O8PD
Output buffer with an 8 mA sink and an 8 mA source with a weak internal pull-down resistor.
O8PU
Output buffer with an 8 mA sink and an 8 mA source with a weak internal pull-up resistor.
I/O8
Input/output buffer with an 8 mA sink and an 8 mA source.
I/O8PD
Input/output buffer with an 8 mA sink and an 8 mA source with a weak internal pull-down resistor.
I/O8PU
Input/output buffer with an 8 mA sink and an 8 mA source with a weak internal pull-up resistor.
O12
Output buffer with a 12 mA sink and a 12 mA source.
I/O12
Input/output buffer with 12 mA sink and 12 mA source.
I/O12PD
Input/output buffer with 12 mA sink and 12 mA source with a weak internal pull-down resistor.
I/O200
Input/output buffer 12 mA with FET disabled, 100/200 mA source only when the FET is enabled.
ICLKx
XTAL clock input.
OCLKx
XTAL clock output.
I/O-U
Analog input/output as defined in the USB 2.0 Specification.
I-R
RBIAS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com