Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB4640 Datasheet(PDF) 39 Page - SMSC Corporation

Part # USB4640
Description  High Speed Inter-Chip (HSIC) USB 2.0 Hub and Flash Media Controller
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB4640 Datasheet(HTML) 39 Page - SMSC Corporation

Back Button USB4640 Datasheet HTML 35Page - SMSC Corporation USB4640 Datasheet HTML 36Page - SMSC Corporation USB4640 Datasheet HTML 37Page - SMSC Corporation USB4640 Datasheet HTML 38Page - SMSC Corporation USB4640 Datasheet HTML 39Page - SMSC Corporation USB4640 Datasheet HTML 40Page - SMSC Corporation USB4640 Datasheet HTML 41Page - SMSC Corporation USB4640 Datasheet HTML 42Page - SMSC Corporation USB4640 Datasheet HTML 43Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 64 page
background image
High Speed Inter-Chip (HSIC) USB 2.0 Hub and Flash Media Controller
Datasheet
SMSC USB4640/USB4640i
39
Revision 1.0 (06-09-09)
DATASHEET
8.4.3
Device ID Strings
These bytes are used to specify the LUN descriptor returned by the device. These bytes are used in
combination with the device to LUN mapping bytes in applications where the OEM wishes to reorder
and rename the LUNs. If multiple devices are mapped to the same LUN (a COMBO LUN), then the
CLUN#_ID_STR will be used to name the COMBO LUN instead of the individual device strings. When
applicable, the "SM" value will be overridden with xD once an xD-Picture Card has been identified.
8.4.3.1
AAh-B0h: Device 0 Identifier String
8.4.3.2
B1h-B7h: Device 1 Identifier String
8.4.3.3
B8h-BEh: Device 2 Identifier String
8.4.3.4
BFh-C5h: Device 3 Identifier String
8.4.3.5
C6h-CDh: Inquiry Vendor String
8.4.3.6
CEh-D2h: Inquiry Product String
BYTE
NAME
DESCRIPTION
6:0
DEV0_ID_STR
Not applicable.
BYTE
NAME
DESCRIPTION
6:0
DEV1_ID_STR
This ID string is associated with the Memory Stick device.
BYTE
NAME
DESCRIPTION
6:0
DEV2_ID_STR
This ID string is associated with the Smart Media (Note 8.2) device.
BYTE
NAME
DESCRIPTION
6:0
DEV3_ID_STR
This ID string is associated with the Secure Digital / MultiMediaCard device.
BYTE
NAME
DESCRIPTION
7:0
INQ_VEN_STR
If bit 4 of the 1st attribute byte is set, the device will use these strings in
response to a USB inquiry command, instead of the USB descriptor
manufacturer and product ID strings.
BYTE
NAME
DESCRIPTION
4:0
INQ_PRD_STR
If bit 4 of the 1st attribute byte is set, the device will use these strings in
response to a USB inquiry command, instead of the USB descriptor
manufacturer and product ID strings.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com