Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9220 Datasheet(PDF) 21 Page - SMSC Corporation

Part # LAN9220
Description  16-bit Non-PCI Small Form Factor 10/100 Ethernet Controller with Variable Voltage I/O & HP Auto-MDIX Support
PDF  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9220 Datasheet(HTML) 21 Page - SMSC Corporation

Back Button LAN9220 Datasheet HTML 17Page - SMSC Corporation LAN9220 Datasheet HTML 18Page - SMSC Corporation LAN9220 Datasheet HTML 19Page - SMSC Corporation LAN9220 Datasheet HTML 20Page - SMSC Corporation LAN9220 Datasheet HTML 21Page - SMSC Corporation LAN9220 Datasheet HTML 22Page - SMSC Corporation LAN9220 Datasheet HTML 23Page - SMSC Corporation LAN9220 Datasheet HTML 24Page - SMSC Corporation LAN9220 Datasheet HTML 25Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 150 page
background image
16-bit Non-PCI Small Form Factor 10/100 Ethernet Controller with Variable Voltage I/O & HP Auto-MDIX Support
Datasheet
SMSC LAN9220
21
Revision 2.6 (12-04-08)
DATASHEET
2.3
Buffer Types
Note 2.1
Sink and source capabilities are dependant on the VDDVARIO voltage. Refer to Section
7.6, "DC Electrical Specifications" for additional information.
Note 2.2
When operating at reduced VDDVARIO voltage levels (less than 3.0V), do not rely on
internal pull-up and pull-down resistors to determine signal state. Refer to Section 2.2,
"External Pull-Up/Pull-Down Resistors" and the individual signal descriptions in Section
2.1, "Pin List" for more information.
Table 2.7 Buffer Types
TYPE
DESCRIPTION
VIS
Variable voltage input pin
VO12
Variable voltage output with 12mA sink and 12mA source (Note 2.1)
VOD12
Variable voltage open-drain output with 12mA sink (Note 2.1)
VO8
Variable voltage output 8mA symmetrical drive (Note 2.1)
VOD8
Variable voltage open-drain output with 8 mA sink (Note 2.1)
PU
50uA (typical) internal pull-up (Note 2.2)
PD
50uA (typical) internal pull-down (Note 2.2)
AI
Analog input
AO
Analog output
AIO
Analog bi-directional
ICLK
Crystal oscillator input pin
OCLK
Crystal oscillator output pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com