Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC1466 Datasheet(PDF) 7 Page - Clare, Inc.

Part # CPC1466
Description  Broadband ADSL/VDSL DC Termination IC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC1466 Datasheet(HTML) 7 Page - Clare, Inc.

Back Button CPC1466 Datasheet HTML 3Page - Clare, Inc. CPC1466 Datasheet HTML 4Page - Clare, Inc. CPC1466 Datasheet HTML 5Page - Clare, Inc. CPC1466 Datasheet HTML 6Page - Clare, Inc. CPC1466 Datasheet HTML 7Page - Clare, Inc. CPC1466 Datasheet HTML 8Page - Clare, Inc. CPC1466 Datasheet HTML 9Page - Clare, Inc. CPC1466 Datasheet HTML 10Page - Clare, Inc. CPC1466 Datasheet HTML 11Page - Clare, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
R00B
www.clare.com
7
Figure 5. Test Circuit for Activate and Deactivate Times
Figure 6. Applied Waveform for Activation Test
Figure 7. Applied Waveform for Deactivation Test
1F
µ
85
Ω
DUT
Pulse
generator
85 mH
40 V
30 V
20 V
10 V
0
43.5 V
Source Impedance
200
to 4k
ΩΩ
t1
500 ms
Measure
2.0 mA
1.5 mA
1.0 mA
0.5 mA
0
Current source limited to 30 V
t2
500 ms
Measure



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com