Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC1466 Datasheet(PDF) 5 Page - Clare, Inc.

Part # CPC1466
Description  Broadband ADSL/VDSL DC Termination IC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC1466 Datasheet(HTML) 5 Page - Clare, Inc.

  CPC1466 Datasheet HTML 1Page - Clare, Inc. CPC1466 Datasheet HTML 2Page - Clare, Inc. CPC1466 Datasheet HTML 3Page - Clare, Inc. CPC1466 Datasheet HTML 4Page - Clare, Inc. CPC1466 Datasheet HTML 5Page - Clare, Inc. CPC1466 Datasheet HTML 6Page - Clare, Inc. CPC1466 Datasheet HTML 7Page - Clare, Inc. CPC1466 Datasheet HTML 8Page - Clare, Inc. CPC1466 Datasheet HTML 9Page - Clare, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
R00B
www.clare.com
5
Figure 2. I-V Requirements Template, 0 V to 50 V
Figure 3. I-V Requirements Template, 0 V to 250 V
1A
100 mA
10 mA
1 mA
100 A
10 A
1A
0
µ
µ
µ
Absolute Voltage (V)
010
20
30
40
50
Transition
Region
Transition
Region
On State
Off State
I
MAX1
I
MIN1
V
ON
I
HR
I
BO
I
LKG
V
AN
1A
100 mA
10 mA
1 mA
100 A
10 A
1A
0
µ
µ
µ
Absolute Voltage (V)
0
50
100
150
200
250
I
MAX1
I
MIN2
I
MIN1
I
MAX2
70 V, 70 mA
54 V, 9 mA
100 V, 0 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com