Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF-5800-RU Datasheet(PDF) 1 Page - Harris Corporation

Part # RF-5800-RU
Description  TACTICAL RETRANSMISSION UNIT
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HARRIS [Harris Corporation]
Direct Link  http://www.harris.com
Logo HARRIS - Harris Corporation

RF-5800-RU Datasheet(HTML) 1 Page - Harris Corporation

  RF-5800-RU Datasheet HTML 1Page - Harris Corporation RF-5800-RU Datasheet HTML 2Page - Harris Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
The Tactical Retransmission Unit (TRU) is a small, lightweight
extension to the FALCON II
® family of tactical radios that allows
encrypted voice or data transmission range to be extended in a
repeater or rebroadcast configuration.
The unit is a self-contained assembly designed for unattended
operation. The unit does not require encryption/decryption
capability, thus eliminating the need for physical site security. The
user interface includes a password-protected screen blanking and
keypad lock feature to avoid compromise of any communication
plan details. The small size and weight of the TRU can be adapted
to fixed-site, mobile, or manportable platforms.
The TRU is configured as two frequency-independent radio units,
labeled Radio A and Radio B. Available in VHF-VHF, the standard
product includes built-in RF filtering to divide the available
spectrum into two bands.
Additional filtering configurations can be designed to
accommodate custom frequency plans and spectrum restrictions
for varying users and geographical areas.
A full line of FALCON II accessories is available, including AC/DC
power supply, shock mounting, standard BB-series batteries, and
battery boxes. A variety of antennas may be used with the TRU,
depending upon mission requirements. Selection and positioning
of the antennas will determine the range and operational
characteristics of the system.
Example uses include:
■ Local area communications coverage
■ Tactical extension of strategic nets
■ Urban or maritime counter-terrorism operations
■ Deployable VIP protection nets
assuredcommunications ®
RF-5800-RU
TACTICAL
RETRANSMISSION
UNIT


Similar Part No. - RF-5800-RU

ManufacturerPart #DatasheetDescription
logo
Harris Corporation
RF-5800H-MP HARRIS-RF-5800H-MP Datasheet
1Mb / 2P
advanced hf/VHF tactical radio system
RF-5800H-V006 HARRIS-RF-5800H-V006 Datasheet
244Kb / 2P
20 WATT HF/VHF VEHICULAR ADAPTER
RF-5800M-HH HARRIS-RF-5800M-HH Datasheet
273Kb / 2P
FALCON II MULTIBAND HANDHELD RADIO
RF-5800M-MP HARRIS-RF-5800M-MP Datasheet
3Mb / 2P
FALCON II Advanced tactical radio system
RF-5800M-V HARRIS-RF-5800M-V Datasheet
314Kb / 2P
FALCON II LONG-RANGE VEHICLE AND FIXED SITE COMMUNICATIONS SYSTEM
More results

Similar Description - RF-5800-RU

ManufacturerPart #DatasheetDescription
logo
Harris Corporation
RF-6705 HARRIS-RF-6705 Datasheet
241Kb / 2P
TACTICAL Chat IP
logo
Dialight Corporation
TBL-GC-14T-13 DIALIGHT-TBL-GC-14T-13 Datasheet
100Kb / 1P
Tactical Blackout Drive Light
TMK-RR-13T-13 DIALIGHT-TMK-RR-13T-13 Datasheet
97Kb / 1P
Tactical Marker Lights
logo
ATMEL Corporation
TSS461F ATMEL-TSS461F_14 Datasheet
611Kb / 57P
Handles Retransmission of Frames on Contention and Errors
TSS463C ATMEL-TSS463C_14 Datasheet
706Kb / 59P
Handles Retransmission of Frames on Contention and Errors
logo
Glenair, Inc.
808-007 GLENAIR-808-007 Datasheet
208Kb / 1P
USB Tactical Patch Cable
logo
Energizer
MLT1WAAE ENERGIZER-MLT1WAAE Datasheet
156Kb / 1P
1W Metal Tactical 1AA
logo
Ultralife Corporation.
RIOS-TAC2 ULTRALIFE-RIOS-TAC2 Datasheet
1,010Kb / 4P
Ultralife?셲 8-Port Tactical Interoperability Unit from SyTech
logo
Belden Inc.
B96567 BELDEN-B96567 Datasheet
134Kb / 2P
Tactical Cable OS2 6 Fibers
11-09-2022
B96575 BELDEN-B96575 Datasheet
134Kb / 2P
Tactical Cable OM1 12 Fibers
11-09-2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com