Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF-5800-RU Datasheet(PDF) 2 Page - Harris Corporation

Part # RF-5800-RU
Description  TACTICAL RETRANSMISSION UNIT
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HARRIS [Harris Corporation]
Direct Link  http://www.harris.com
Logo HARRIS - Harris Corporation

RF-5800-RU Datasheet(HTML) 2 Page - Harris Corporation

  RF-5800-RU Datasheet HTML 1Page - Harris Corporation RF-5800-RU Datasheet HTML 2Page - Harris Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RF Communications | 1680 University Avenue | Rochester, NY USA 14610
www.harris.com 1-585-244-5830
Copyright © 2008 Harris Corporation 02/08 DS-310B
Specifications for the RF-5800-RU
assuredcommunications®
Specifications subject to change without notice.
Frequency Range
30-50 MHz and 65-108 MHz
Net Presets
25
Transmission Modes
FM analog voice
FSK 16 kbps CVSD voice
FSK 16 kbps Data (synchronous)
RF Input/Output
50 Ohms nominal, unbalanced
Impedance
Power Input
10.5 - 34.5 VDC
Size
(maximum envelope)
3.2H x 10.5W x 9.6D inches
(w/o battery case)
Weight
9.8 lbs. (w/o batteries or
battery case)
Color/Finish
CARC green 383
Operating
-20 to +60 C operation
Temperature
-31 to +60 C derated
-31 to +70 C storage
Test Method
MIL-STD-810F
Immersion
3 feet (1 meter)
Altitude
Up to 15,000 ft. (4,500 m)
Sensitivity: FM
-114 dBm for 12 dB SINAD
Squelch
Selectable: noise/tone
Power Output
0.2, 1.5, and 4 Watts (user selectable)
Frequency Stability
5 ppm
Harmonic Suppression
Greater than -47 dBc (second
and third), -57 dBc all others
Spurious Suppression
Greater than 50 dBc
Environmental
Transmitter
Receiver
General
■
Single package retransmission
capability
■
Rugged, small, and lightweight
“Set-and-Forget” capability
■
PIN-accessible keypad lock with
screen blanking
Standard Features
■
Lack of cryptographic content
precludes the need for physical
security
■
FALCON II® family interoperability
■
Deployable antenna masts with
co-linear mounts
■
RF-5211-VSM050 vehicular shock mount
■
RF-5870-VM001 shock mount
■
RF-5870-VM002 shock mount locking kit
(for the RF-5870-VM001)
Optional Accessories
■
RF-5850-PS001 battery eliminator
■
BB series batteries
■
RF-6550V radio programming
application
■
Solar power option
■
Battery Case
■
Operator’s Manual
Included with Retransmission Unit



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com