Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9P936 Datasheet(PDF) 2 Page - Integrated Device Technology

Part # ICS9P936
Description  Low Skew Dual Bank DDR I/II Fan-out Buffer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS9P936 Datasheet(HTML) 2 Page - Integrated Device Technology

  ICS9P936 Datasheet HTML 1Page - Integrated Device Technology ICS9P936 Datasheet HTML 2Page - Integrated Device Technology ICS9P936 Datasheet HTML 3Page - Integrated Device Technology ICS9P936 Datasheet HTML 4Page - Integrated Device Technology ICS9P936 Datasheet HTML 5Page - Integrated Device Technology ICS9P936 Datasheet HTML 6Page - Integrated Device Technology ICS9P936 Datasheet HTML 7Page - Integrated Device Technology ICS9P936 Datasheet HTML 8Page - Integrated Device Technology ICS9P936 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
IDTTM/ICSTM
Low Skew Dual Bank DDR I/II Fan-out Buffer
1084C 12/03/09
ICS9P936
Low Skew Dual Bank DDR I/II Fan-out Buffer
2
Pin Description
PIN #
PIN NAME
PIN TYPE
DESCRIPTION
1
AVDD2.5
PWR
2.5V Analog Power pin for Core PLL
2
AGND
PWR
Analog Ground pin for Core PLL
3
BUF_INT
IN
True Buffer In signal for memory outputs.
4
BUF_INC
IN
Complementary Buffer In signal for memory outputs.
5
DDRT0
OUT
-40
6
DDRC0
OUT
"Complementary" Clock of differential pair output.
7
DDRT1
OUT
"True" Clock of differential pair output.
8
DDRC1
OUT
"Complementary" Clock of differential pair output.
9
GND
PWR
Ground pin.
10
VDDQ2.5/1.8
PWR
Power supply, nominal 2.5V or 1.8V for DDR or DDR 2 outputs respectively
11
FB_OUTT
OUT
True single-ended feedback output, dedicated external feedback. It switches
at the same frequency as other DDR outputs.
12
FB_OUTC
OUT
Complementary single-ended feedback output, dedicated external feedback.
It switches at the same frequency as other DDR outputs.
13
DDRT2
OUT
"True" Clock of differential pair output.
14
DDRC2
OUT
"Complementary" Clock of differential pair output.
15
SCLK
IN
Clock pin of SMBus circuitry, 5V tolerant.
16
SDATA
I/O
Data pin for SMBus circuitry, 3.3V tolerant.
17
DDRC3
OUT
"Complementary" Clock of differential pair output.
18
DDRT3
OUT
"True" Clock of differential pair output.
19
DDRC4
OUT
"Complementary" Clock of differential pair output.
20
DDRT4
OUT
"True" Clock of differential pair output.
21
VDDQ2.5/1.8
PWR
Power supply, nominal 2.5V or 1.8V for DDR or DDR 2 outputs respectively
22
GND
PWR
Ground pin.
23
DDRC5
OUT
"Complementary" Clock of differential pair output.
24
DDRT5
OUT
"True" Clock of differential pair output.
25
AGND
PWR
Analog Ground pin for Core PLL
26
AVDD2.5
PWR
2.5V Analog Power pin for Core PLL
27
VDDQ2.5/1.8
PWR
Power supply, nominal 2.5V or 1.8V for DDR or DDR 2 outputs respectively
28
GND
PWR
Ground pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com