Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9P936 Datasheet(PDF) 5 Page - Integrated Device Technology

Part # ICS9P936
Description  Low Skew Dual Bank DDR I/II Fan-out Buffer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS9P936 Datasheet(HTML) 5 Page - Integrated Device Technology

  ICS9P936 Datasheet HTML 1Page - Integrated Device Technology ICS9P936 Datasheet HTML 2Page - Integrated Device Technology ICS9P936 Datasheet HTML 3Page - Integrated Device Technology ICS9P936 Datasheet HTML 4Page - Integrated Device Technology ICS9P936 Datasheet HTML 5Page - Integrated Device Technology ICS9P936 Datasheet HTML 6Page - Integrated Device Technology ICS9P936 Datasheet HTML 7Page - Integrated Device Technology ICS9P936 Datasheet HTML 8Page - Integrated Device Technology ICS9P936 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
IDTTM/ICSTM
Low Skew Dual Bank DDR I/II Fan-out Buffer
1084C 12/03/09
ICS9P936
Low Skew Dual Bank DDR I/II Fan-out Buffer
5
Timing Requirements VDDQ2.5/1.8 = 1.8 V +/- 0.1V
TA = 0 - 70°C Supply Voltage AVDD2.5 = 2.5V+/-0.2V (unless otherwise stated)
PARAMETER
SYMBOL
CONDITIONS
-40
MAX
UNITS
Max clock frequency
freqop
125
400
MHz
Application Frequency Range
freqApp
160
400
MHz
Input clock duty cycle
dtin
40
60
%
CLK stabilization
TSTAB
15
µs
SPECIFICATION
Switching Characteristics (VDDQ2.5/1.8 = 1.8V +/- 0.1V) (see note 1)
TA = 0 - 70°C; Supply Voltage AVDD = 2.5V+/-0.2V, VDDQ2.5/1.8 = 1.8 V +/- 0.1V (unless otherwise stated)
PARAMETER
SYMBOL
CONDITION
MIN
TYP
MAX
UNITS
Period jitter
Tjit (per)
Period jitter
-40
40
ps
Half-period jitter
T(jit_hper)
Half period jitter
-60
60
ps
Cycle to Cycle
Tcyc-Tcyc
Cycle to Cycle jitter
-40
40
ps
Dynamic Phase Offset
T(DPO)
-50
50
ps
Static Phase Offset
T(SPO)
-50
0
50
ps
Output to Output Skew
tskew
DDR(0:5)
40
ps
Output Duty Cycle
tduty
47
53
ps
Output clock slew rate
tsl(i)
Measured from 20% to 80% of
VDDQ
1.5
3
V/ns
1. Switching characteristics guaranteed for operating frequency range
SPECIFICATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com