Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICE1CS02 Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # ICE1CS02
Description  Combi PFC/ PWM Controller
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

ICE1CS02 Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button ICE1CS02 Datasheet HTML 5Page - Infineon Technologies AG ICE1CS02 Datasheet HTML 6Page - Infineon Technologies AG ICE1CS02 Datasheet HTML 7Page - Infineon Technologies AG ICE1CS02 Datasheet HTML 8Page - Infineon Technologies AG ICE1CS02 Datasheet HTML 9Page - Infineon Technologies AG ICE1CS02 Datasheet HTML 10Page - Infineon Technologies AG ICE1CS02 Datasheet HTML 11Page - Infineon Technologies AG ICE1CS02 Datasheet HTML 12Page - Infineon Technologies AG ICE1CS02 Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
Combi PFC/ PWM Controller
ICE1CS02
Functional Description
Version 1.0
9
25 July 2008
3
Functional Description
All values which are used in the functional description
are typical values. For calculating the worst cases the
min/max values which can be found in section 4
Electrical Characteristics have to be considered.
3.1
Introduction
The ICE1CS02 comprises the complete control for
power factor controlled switched mode power sup-
plies. With its PFC and PWM section being internally
synchronized, applies for off-line converters with input
voltages ranging from 90 V to 270 V.
The topology of the PFC preconverter is boost.
The minimal line current gaps for the maximum duty
cycle of the PFC is about 95%. The selectable maxi-
mum duty of the PWM, however, is limited to 47% or
60% to prevent transformer saturation.
The external RC-filter in the feedback line after the
optocoupler is integrated into the IC in order to reduce
the external component count.
The Soft-Start function is integrated into the IC.
An internal precise peak current control is integrated
into the IC. With this function, the costs of the power
transformer and the secondary rectifier diode can be
reduced and the max power can also be limited. The
maximum power is almost independent from the input
voltage. Hence, it can avoid to over-size the critical
components of the SMPS such as the power
transformer or the secondary rectifier diode.
3.2
Power Management
Figure 3
Power Management
The Undervoltage Lockout monitors the external
supply voltage VVCC. When the VVCC exceeds the on-
threshold VCCon=12V, the internal bias circuit is
switched on. A hysteresis sequence is implemented to
avoid the uncontrolled rings during switch-on. The
switch-off of the controller will take place when VVCC
falls below 11V. The maximum current consumption
before the controller is activated is around 1.3mA.
When VVCC falls below the off-threshold; VCCoff=11.0V,
the internal bias circuit is switched off .
3.3
Internal Synchronization
Figure 4
Internal Synchronisation between PFC
and PWM Out
The clock rising edge will trigger a turn-off of PFC OUT
and falling edge will trigger a turn-on of PWM OUT.
Internal Bias
Voltage
Reference
Power Management
5V
VCC
Undervoltage Lockout
12V
11V
Power-Down
Reset
Soft start
CLK OUT
PFC OUT
PWM OUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com