Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICE1CS02 Datasheet(PDF) 21 Page - Infineon Technologies AG

Part # ICE1CS02
Description  Combi PFC/ PWM Controller
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

ICE1CS02 Datasheet(HTML) 21 Page - Infineon Technologies AG

Back Button ICE1CS02 Datasheet HTML 17Page - Infineon Technologies AG ICE1CS02 Datasheet HTML 18Page - Infineon Technologies AG ICE1CS02 Datasheet HTML 19Page - Infineon Technologies AG ICE1CS02 Datasheet HTML 20Page - Infineon Technologies AG ICE1CS02 Datasheet HTML 21Page - Infineon Technologies AG ICE1CS02 Datasheet HTML 22Page - Infineon Technologies AG ICE1CS02 Datasheet HTML 23Page - Infineon Technologies AG ICE1CS02 Datasheet HTML 24Page - Infineon Technologies AG ICE1CS02 Datasheet HTML 25Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
Combi PFC/ PWM Controller
ICE1CS02
Electrical Characteristics
Version 1.0
21
25 July 2008
4.3.2
Internal Voltage Reference
4.3.3
PWM Control Loop Section
4.3.4
PWM Brown Out Section
Parameter
Symbol
Limit Values
Unit
Test Condition
min.
typ.
max.
Output Reference Voltage
VVREF0A
4.85
5.00
5.20
V
IVREF=-0mA
Load Regulation
∆V
VREF12mA
-
-
252
mV
IVREF=-12mA1)
1)
max pulling current depends on max operating junction temperature
Line Regulation
∆V
VREFDVCC
--
50
mV
∆V
CC=3V
Maximum Source Current
IVREF
12
-
-
mA
Parameter
Symbol
Limit Values
Unit
Test Condition
min.
typ.
max.
PWM-OP Gain
AV
3.0
3.2
3.6
Max. Level of Voltage Ramp
VMax-Ramp
-0.6
-
V
VFB Operating Range Min Level VFBmin
0.3
0.4
-
V
VFB Operating Range Max level VFBmax
-
-
4.3
V
CS=1V limited by
Comparator C101)
1)
This parameter is not subject to production test - verified by design/characterization
Feedback Pull-Up Resistor
RFB
11.3
17.4
22.7
k
Ω
Parameter
Symbol
Limit Values
Unit
Test Condition
min.
typ.
max.
PWM BrownOut ON Threshold
VPWM_BOon
1.87
1.95
2.03
V
PWM BrownOut OFF Threshold VPWM_BOoff
2.75
2.85
2.95
V
Blanking time for BrownOut
Turn_On
tbkPWM_BOon
-50-
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com