Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC7582MATR Datasheet(PDF) 13 Page - Clare, Inc.

Part # CPC7582MATR
Description  Line Card Access Switch
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC7582MATR Datasheet(HTML) 13 Page - Clare, Inc.

Back Button CPC7582MATR Datasheet HTML 9Page - Clare, Inc. CPC7582MATR Datasheet HTML 10Page - Clare, Inc. CPC7582MATR Datasheet HTML 11Page - Clare, Inc. CPC7582MATR Datasheet HTML 12Page - Clare, Inc. CPC7582MATR Datasheet HTML 13Page - Clare, Inc. CPC7582MATR Datasheet HTML 14Page - Clare, Inc. CPC7582MATR Datasheet HTML 15Page - Clare, Inc. CPC7582MATR Datasheet HTML 16Page - Clare, Inc. CPC7582MATR Datasheet HTML 17Page - Clare, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
CPC7582
R05
www.clare.com
13
Table” on page 10 and “CPC7582xC Truth Table” on
page 11.
2.2.1 Make-Before-Break Operation - All Versions
To use make-before-break operation, change the logic
inputs to the talk state immediately following the
ringing state. Application of the talk state opens the
ringing return switch (SW3) as the break switches
(SW1 and SW2) close. The ringing switch (SW4)
remains closed until the next zero-crossing of the
ringing supply current. While in the make-before-break
state, ringing potentials in excess of the CPC7582
protection circuitry trigger levels will be diverted to
ground.
2.2.2 Make-Before-Break Operation for All Versions (Ringing to Talk Transition)
2.2.3 Break-Before-Make Operation - CPC7582xA/B
Break-before-make operation of the CPC7582xA/B
can be achieved using two different techniques.
The first method uses manipulation of the INRINGING
and INTEST logic inputs as shown in
“Break-Before-Make Operation CPC7582xA/B
(Ringing to Talk Transition)” on page 13.
1.
At the end of the ringing state apply the all off
state (0, 0). This releases the ringing return
switch (SW3) while the ringing switch remains
on, waiting for the next zero current event.
2.
Hold the all off state for at least one-half of a
ringing cycle to assure that a zero crossing event
occurs and that the ringing switch (SW4) has
opened.
Break-before-make operation occurs when the ringing
switch opens before the break switches (SW1 and
SW2) close.
2.2.4 Break-Before-Make Operation CPC7582xA/B (Ringing to Talk Transition)
2.2.5 Break-Before-Make Operation - All Versions
The second break-before-make method for the
CPC7582xA/B is also the only method available for
the CPC7582xC. As shown in “CPC7582xA/B Truth
Table” on page 10 and “CPC7582xC Truth Table” on
page 11, the bidirectional TSD interface disables all of
State
INRINGING
INTEST LATCH
TSD
Timing
Break
Switches
Ringing
Return
Switch
(SW3)
Ringing
Switch
(SW4)
Test
Switches
Ringing
1
0
0
Floating
-Off
On
On
Off
Make-
before-
break
00
SW4 waiting for next zero-current
crossing to turn off. Maximum time is
one-half of the ringing cycle. In this
transition state, current that is limited to
the dc break switch current limit value
will be sourced from the ring node of the
SLIC.
On
Off
On
Off
Talk
0
0
Zero-cross current has occurred
On
Off
Off
Off
State
INRINGING
INTEST LATCH
TSD
Timing
Break
Switches
Ringing
Return
Switch
(SW3)
Ringing
Switch
(SW4)
Test
Switches
Ringing
1
0
0
Floating
-Off
On
On
Off
All-Off
1
1
Hold this state for at least one-half of the
ringing cycle. SW4 waiting for zero
current to turn off.
Off
Off
On
Off
Break-
Before-
Make
1
1
SW4 has opened
Off
Off
Off
Off
Talk
0
0
Close Break Switches
On
Off
Off
Off



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com