Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC7582MATR Datasheet(PDF) 18 Page - Clare, Inc.

Part # CPC7582MATR
Description  Line Card Access Switch
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC7582MATR Datasheet(HTML) 18 Page - Clare, Inc.

Back Button CPC7582MATR Datasheet HTML 11Page - Clare, Inc. CPC7582MATR Datasheet HTML 12Page - Clare, Inc. CPC7582MATR Datasheet HTML 13Page - Clare, Inc. CPC7582MATR Datasheet HTML 14Page - Clare, Inc. CPC7582MATR Datasheet HTML 15Page - Clare, Inc. CPC7582MATR Datasheet HTML 16Page - Clare, Inc. CPC7582MATR Datasheet HTML 17Page - Clare, Inc. CPC7582MATR Datasheet HTML 18Page - Clare, Inc. CPC7582MATR Datasheet HTML 19Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 18 / 19 page
background image
CPC7582
18
www.clare.com
R05
3.2 Printed-Circuit Board Land Patterns
3.2.1 16-Pin SOIC
3.2.2 16-Pin DFN
NOTE: Because the metallic pad on the bottom of the
DFN package is connected to the substrate of the die,
Clare recommends that no printed circuit board traces
or vias be placed under this area to maintain minimum
creepage and clearance values.
3.3 Tape and Reel Packaging
3.3.1 16-Pin SOIC
2.00
(0.079)
1.27
(0.050)
mm
(inches)
DIMENSIONS
9.40
(0.370)
0.60
(0.024)
DIMENSIONS
mm
(inches)
5.80
(0.228)
0.35
(0.014)
1.05
(0.041)
0.80
(0.031)
NOTE: Tape dimensions not shown comply with JEDEC Standard EIA-481-2
Tape and Reel Packaging for 16-Pin SOIC Package
Dimensions
mm
(inches)
Embossment
Embossed
Carrier
330.2 Dia
(13.00 Dia)
Top Cover
Tape Thickness
0.102 Max
(0.004 Max)
User Direction of Feed
Top Cover
Tape
P=12.00
(0.47)
A
0=10.90 + 0.15
(0.429 + 0.010)
B
0=10.70 + 0.15
(0.421 + 0.01)
W=16.00 + 0.30
(0.630 + 0.010)
K
0=3.20 + 0.15
(0.193 + 0.01)
K
1=2.70 + 0.15
(0.106 + 0.01)
Pin 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com