Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC7583MATR Datasheet(PDF) 1 Page - Clare, Inc.

Part # CPC7583MATR
Description  Line Card Access Switch
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC7583MATR Datasheet(HTML) 1 Page - Clare, Inc.

  CPC7583MATR Datasheet HTML 1Page - Clare, Inc. CPC7583MATR Datasheet HTML 2Page - Clare, Inc. CPC7583MATR Datasheet HTML 3Page - Clare, Inc. CPC7583MATR Datasheet HTML 4Page - Clare, Inc. CPC7583MATR Datasheet HTML 5Page - Clare, Inc. CPC7583MATR Datasheet HTML 6Page - Clare, Inc. CPC7583MATR Datasheet HTML 7Page - Clare, Inc. CPC7583MATR Datasheet HTML 8Page - Clare, Inc. CPC7583MATR Datasheet HTML 9Page - Clare, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
DS-CPC7583-R06
www.clare.com
1
RoHS
2002/95/EC
e3
Pb
Features
• Small 20-pin or 28-pin SOIC or 28-pin DFN
• DFN version provides 65% PCB area reduction over
4th generation EMRs
• Monolithic IC reliability
• Low, matched, R
ON
• Eliminates the need for zero-cross switching
• Flexible switch timing for transition from ringing
mode to talk mode.
• Clean, bounce-free switching
• SLIC tertiary protection via integrated current
limiting, voltage clamping and thermal shutdown
• 5 V operation with power consumption < 10.5 mW
• Intelligent battery monitor
• Logic-level inputs, no external drive circuitry required
• SOIC versions pin-compatible with Legerity
7583/8583 family
Applications
• Central office (CO)
• Digital Loop Carrier (DLC)
• PBX Systems
• Digitally Added Main Line (DAML)
• Hybrid Fiber Coax (HFC)
• Fiber in the Loop (FITL)
• Pair Gain System
• Channel Banks
Description
The CPC7583 is a monolithic 10-pole line card access
switch in a 20- or 28-pin SOIC or a 28-pin DFN
package. It provides the necessary functions to
replace three 2-Form-C electromechanical relays on
analog line cards and combined voice and data line
cards found in central office, access, and PBX
equipment. The device contains solid state switches
for tip and ring line break, ringing injection/ringing
return, and test access. The CPC7583 requires only a
+5 V supply and offers break-before-make or
make-before-break switch operation.
Ordering Information
CPC7583 x x xx
B - 28-pin SOIC delivered 29/Tube, 1000/Reel
M - 28-pin DFN delivered 33/Tube, 1000/Reel
Z - 20-pin SOIC delivered 40/Tube, 1000/Reel
A - With Protection SCR
B - Without Protection SCR
C - With Extra Logic State and With Protection SCR
D - With Extra Logic State and Without Protection SCR
TR - Add for Tape & Reel Version
CPC7583 part numbers are specified as shown here:
CPC7583
T
LINE
R
LINE
T
BAT
V
DD
R
BAT
D
GND
V
BAT
F
GND
V
REF
IN
TESTIN
IN
RINGING
IN
TESTOUT
T
SD
LATCH
7
10
8
5
22
6
12
13
14
28
1
24
20
19
23
17
16
15
18
L
A
T
C
H
Switch
Control
Logic
SCR
and
Trip
Circuit
+5 Vdc
SLIC
Secondary
Protection
X
X
X
X
X
X
XX
X SW5
SW7
SW6
SW2
SW4
SW10
SW8
T
TESTIN (T
)
CHANTEST
T
TESTOUT (T
)
DROPTEST
R
TESTOUT (R
)
DROPTEST
R
TESTIN (R
)
CHANTEST
T
RING
SW3
SW9
SW1
300
(min.)
Ω
RINGING
V
BAT
X
Tip
Ring
NOTE: Pin assignments are for the 28 pin package.
Not for New Designs
CPC7583
Line Card Access Switch


Similar Part No. - CPC7583MATR

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC7583 CLARE-CPC7583 Datasheet
193Kb / 16P
Line Card Access Switch
logo
IXYS Corporation
CPC7583 IXYS-CPC7583 Datasheet
256Kb / 19P
Monolithic IC reliability
logo
Clare, Inc.
CPC7583BA CLARE-CPC7583BA Datasheet
193Kb / 16P
Line Card Access Switch
logo
IXYS Corporation
CPC7583BA IXYS-CPC7583BA Datasheet
1Mb / 19P
Line Card Access Switch
CPC7583BA IXYS-CPC7583BA Datasheet
256Kb / 19P
Monolithic IC reliability
More results

Similar Description - CPC7583MATR

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC7581 CLARE-CPC7581 Datasheet
122Kb / 12P
Line Card Access Switch
CPC7582 CLARE-CPC7582 Datasheet
147Kb / 12P
Line Card Access Switch
CPC7595 CLARE-CPC7595 Datasheet
562Kb / 25P
Line Card Access Switch
CPC7582 CLARE-CPC7582_1 Datasheet
572Kb / 19P
Line Card Access Switch
CPC7591 CLARE-CPC7591 Datasheet
556Kb / 19P
Line Card Access Switch
CPC7691 CLARE-CPC7691 Datasheet
481Kb / 17P
Line Card Access Switch
CPC75282 CLARE-CPC75282 Datasheet
672Kb / 19P
Line Card Access Switch
logo
IXYS Corporation
CPC7581 IXYS-CPC7581_12 Datasheet
1,017Kb / 15P
Line Card Access Switch
CPC7592 IXYS-CPC7592_12 Datasheet
1Mb / 19P
Line Card Access Switch
CPC7593 IXYS-CPC7593 Datasheet
321Kb / 24P
Line Card Access Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com