Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC7583MATR Datasheet(PDF) 15 Page - Clare, Inc.

Part # CPC7583MATR
Description  Line Card Access Switch
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC7583MATR Datasheet(HTML) 15 Page - Clare, Inc.

Back Button CPC7583MATR Datasheet HTML 11Page - Clare, Inc. CPC7583MATR Datasheet HTML 12Page - Clare, Inc. CPC7583MATR Datasheet HTML 13Page - Clare, Inc. CPC7583MATR Datasheet HTML 14Page - Clare, Inc. CPC7583MATR Datasheet HTML 15Page - Clare, Inc. CPC7583MATR Datasheet HTML 16Page - Clare, Inc. CPC7583MATR Datasheet HTML 17Page - Clare, Inc. CPC7583MATR Datasheet HTML 18Page - Clare, Inc. CPC7583MATR Datasheet HTML 19Page - Clare, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 21 page
background image
CPC7583
R06
www.clare.com
15
20 Hz ringing hold this input state for 25 ms. During
this hold period, toggle the inputs from the ringing
state to the talk state. After the 25 ms, release TSD to
return switch control to the input pins INTESTout,
INRINGING, INTESTin and the latch control pin.
2.2.1 Make-Before-Break Operation (Ringing to Talk Transition)
2.2.2 Break-Before-Make Operation (Ringing to Talk Transition)
2.3 Alternate Break-Before-Make Operation
Note that break-before-make operation can also be
achieved using TSD as an input. In lines 2 and 3 of the
table “Break-Before-Make Operation (Ringing to Talk
Transition)” on page 15, instead of using the logic input
pins to force the all-off state, force TSD to ground. This
overrides the logic inputs and also forces the all off
state. Hold this state for one-half of the ringing cycle.
During this TSD forced all-off state, change the inputs
from the power ringing state (INRING = 1, INTESTIN = 0,
INTESTOUT = 0) to the talk state (INRING = 0,
INTESTIN = 0, INTESTOUT = 0). After the hold period,
release TSD to return switch control to the input pins
which will set the talk state.
2.4 Data Latch
The CPC7583 has an integrated data latch. The latch
operation is controlled by logic-level input at the
LATCH pin. The data input of the latch are the input
pins, while the output of the data latch is an internal
node used for state control. When the LATCH control
pin is at logic 0, the data latch is transparent and data
control signals flow directly through to state control. A
change in input will be reflected by a change in switch
state. When the LATCH control pin is at logic 1, the
data latch is active and a change in input control will
not affect switch state. The switches will remain in the
position they were in when the LATCH changed from
State
INRINGING INTESTIN INTESTOUT Latch
TSD
Timing
Break
Switches
1 and 2
Ring
Return
Switch 3
Ring
Access
Switch 4
All Other
Test
Switches
Ringing
1
0
0
0
Floating
-
Off
On
On
Off
Make-
before-
break
0
0
0
Floating
SW4 waiting for next
zero-current crossing to turn
off. Maximum time is one-half
of ringing. In this transition
state, current that is limited to
the dc break switch current
limit value will be sourced
from the ring node of the
SLIC.
On
Off
On
Off
Talk
0
0
0
Floating
Zero-cross current has
occurred
On
Off
Off
Off
State
INRINGING INTESTIN INTESTOUT Latch
TSD
Timing
Break
Switches
1 and 2
Ring
Return
Switch 3
Ring
Access
Switch 4
All Other
Test
Switches
Ringing
1
0
0
0
Floating
-
Off
On
On
Off
All off
1
0
1
Floating
Hold this state for one-half of
ringing cycle. SW4 waiting for
zero current to turn off.
Off
Off
On
Off
All off
1
0
1
Floating
Zero current has occurred.
SW4 has opened
Off
Off
Off
Off
Talk
0
0
0
Floating
Close break switches
On
Off
Off
Off



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com