Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC7594 Datasheet(PDF) 1 Page - Clare, Inc.

Part # CPC7594
Description  Line Card Access Switch
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC7594 Datasheet(HTML) 1 Page - Clare, Inc.

  CPC7594 Datasheet HTML 1Page - Clare, Inc. CPC7594 Datasheet HTML 2Page - Clare, Inc. CPC7594 Datasheet HTML 3Page - Clare, Inc. CPC7594 Datasheet HTML 4Page - Clare, Inc. CPC7594 Datasheet HTML 5Page - Clare, Inc. CPC7594 Datasheet HTML 6Page - Clare, Inc. CPC7594 Datasheet HTML 7Page - Clare, Inc. CPC7594 Datasheet HTML 8Page - Clare, Inc. CPC7594 Datasheet HTML 9Page - Clare, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
RoHS
2002/95/EC
e3
Pb
DS-CPC7594 - R03
www.clare.com
1
Features
• TTL logic level inputs for 3.3V logic interfaces
• Smart logic for power up / hot plug state control
• Small 16-pin SOIC or 16-pin DFN Package
• DFN package printed-circuit board footprint is 60
percent smaller than the SOIC version, 70 percent
smaller than 4th generation EMR solutions.
• Monolithic IC reliability
• Low matched R
ON
• Eliminates the need for zero cross switching
• Flexible switch timing to transition from ringing mode
to talk mode.
• Clean, bounce-free switching
• Tertiary protection consisting of integrated current
limiting, voltage clamping, and thermal shutdown for
SLIC protection
• 5 V operation with power consumption < 10 mW
• Intelligent battery monitor
• Latched logic-level inputs, no external drive circuitry
required
Applications
• VoIP Gateways
• Central office (CO)
• Digital Loop Carrier (DLC)
• PBX Systems
• Digitally Added Main Line (DAML)
• Hybrid Fiber Coax (HFC)
• Fiber in the Loop (FITL)
• Pair Gain System
• Channel Banks
Description
The CPC7594 is a member of Clare’s next generation
Line Card Access Switch family. This monolithic 6-pole
solid-state switch is available in either a 16-pin SOIC
or a 16-pin DFN package. It provides the necessary
functions to replace two 2-Form-C electro-mechanical
relays used on traditional analog and contemporary
integrated voice and data (IVD) line cards found in
Central Office, Access, and PBX equipment. Because
this device contains solid state switches for tip and ring
line break, ringing injection/return and channel test
access, it requires only a +5V supply for operation and
TTL logic-level inputs for control.
The CPC7594 is particularly designed for IVD line
cards where an EMR is required for line test due to the
high frequencies typical of ADSL but solid-state
switches are desired for switching and test-in
functions.
The CPC7594xC logic differs from the CPC7594xA/B
logic by providing a monitor function during the test
state.
Ordering Information
Figure 1. CPC7594 Block Diagram
CPC7594 x x xx
B - 16-pin SOIC delivered 50/Tube, 1000/Reel
M - 16-pin DFN delivered 52/Tube, 1000/Reel
A - With Protection SCR
B - Without Protection SCR
C - With Protection SCR and “Monitor Test State”
TR - Add for Tape & Reel Version
CPC7594 part numbers are specified as shown here:
CPC7594
T
LINE
R
LINE
T
BAT
V
DD
R
BAT
D
GND
V
BAT
F
GND
V
REF
IN
TEST
IN
RINGING
T
SD
LATCH
4
13
3
6
7
8
15
2
14
9
10
11
L
A
T
C
H
Switch
Control
Logic
+5V
DC
SLIC
1
XSW5
T(T
)
TEST
CHANTEST
6
XSW6
R(R
)
TEST
CHANTEST
5
X
T
RINGING
SW3
X
X
SW2
SW1
Secondary
Protection
Tip
Ring
12
XSW4
300
(min.)
Ω
RINGING
V
BAT
R
RINGING
SCR Trip Circuit
(CPC7594xA/C)
CPC7594
Line Card Access Switch


Similar Part No. - CPC7594

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
CPC7594 IXYS-CPC7594 Datasheet
266Kb / 20P
TTL Logic Level Inputs for 3.3V Logic Interfaces
CPC7594BA IXYS-CPC7594BA Datasheet
266Kb / 20P
TTL Logic Level Inputs for 3.3V Logic Interfaces
CPC7594BATR IXYS-CPC7594BATR Datasheet
266Kb / 20P
TTL Logic Level Inputs for 3.3V Logic Interfaces
More results

Similar Description - CPC7594

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC7581 CLARE-CPC7581 Datasheet
122Kb / 12P
Line Card Access Switch
CPC7582 CLARE-CPC7582 Datasheet
147Kb / 12P
Line Card Access Switch
CPC7595 CLARE-CPC7595 Datasheet
562Kb / 25P
Line Card Access Switch
CPC7582 CLARE-CPC7582_1 Datasheet
572Kb / 19P
Line Card Access Switch
CPC7591 CLARE-CPC7591 Datasheet
556Kb / 19P
Line Card Access Switch
CPC7691 CLARE-CPC7691 Datasheet
481Kb / 17P
Line Card Access Switch
CPC75282 CLARE-CPC75282 Datasheet
672Kb / 19P
Line Card Access Switch
logo
IXYS Corporation
CPC7581 IXYS-CPC7581_12 Datasheet
1,017Kb / 15P
Line Card Access Switch
CPC7592 IXYS-CPC7592_12 Datasheet
1Mb / 19P
Line Card Access Switch
CPC7593 IXYS-CPC7593 Datasheet
321Kb / 24P
Line Card Access Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com