Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC7595MATR Datasheet(PDF) 10 Page - Clare, Inc.

Part # CPC7595MATR
Description  Line Card Access Switch
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC7595MATR Datasheet(HTML) 10 Page - Clare, Inc.

Back Button CPC7595MATR Datasheet HTML 6Page - Clare, Inc. CPC7595MATR Datasheet HTML 7Page - Clare, Inc. CPC7595MATR Datasheet HTML 8Page - Clare, Inc. CPC7595MATR Datasheet HTML 9Page - Clare, Inc. CPC7595MATR Datasheet HTML 10Page - Clare, Inc. CPC7595MATR Datasheet HTML 11Page - Clare, Inc. CPC7595MATR Datasheet HTML 12Page - Clare, Inc. CPC7595MATR Datasheet HTML 13Page - Clare, Inc. CPC7595MATR Datasheet HTML 14Page - Clare, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
CPC7595
10
www.clare.com
R02
1.6.6 Ringing Test Switch, SW8
Parameter
Test Conditions
Symbol
Minimum
Typical
Maximum
Unit
Off-State
Leakage Current
VSW8 (differential) = RTESTin to
RRINGING
All-Off state.
+25° C,
VSW (differential) = -320 V to gnd
VSW (differential) = +320 V to gnd
ISW
-
0.1
1
μA
+85° C
VSW (differential) = -330 V to gnd
VSW (differential) = +330 V to gnd
0.3
-40° C
VSW (differential) = -310 V to gnd
VSW (differential) = +310 V to gnd
0.1
On Resistance
ISW (on) = ±10 mA, ±40 mA,
+25° C
RON
-
35
-
Ω
+85° C
50
70
-40° C
26
-
DC current limit
VSW (on) = ±10 V,
+25° C
ISW
-
140
-
mA
+85° C
80
100
-
-40° C
-
210
250
Dynamic current limit
(t
≤ 0.5 μs)
Ringing test switches on, all other
switches off. Apply ±1 kV, 10x1000
μs
pulse with appropriate protection in
place.
ISW
-2.5
-
A
Logic input to switch
output isolation
VSW8 (RRINGING, RTESTin)
Logic inputs = GND
+25° C, VSW = ±320 V
ISW
-
0.1
1
μA
+85° C, VSW = ±330 V
0.3
-40° C, VSW = ±310 V
0.1
dv/dt sensitivity
100VPP Square Wave, 100Hz
(Not production tested - limits are
guaranteed by design and quality
control sampling audits.)
-
500
-
V/
μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com