Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC7595MATR Datasheet(PDF) 3 Page - Clare, Inc.

Part # CPC7595MATR
Description  Line Card Access Switch
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC7595MATR Datasheet(HTML) 3 Page - Clare, Inc.

  CPC7595MATR Datasheet HTML 1Page - Clare, Inc. CPC7595MATR Datasheet HTML 2Page - Clare, Inc. CPC7595MATR Datasheet HTML 3Page - Clare, Inc. CPC7595MATR Datasheet HTML 4Page - Clare, Inc. CPC7595MATR Datasheet HTML 5Page - Clare, Inc. CPC7595MATR Datasheet HTML 6Page - Clare, Inc. CPC7595MATR Datasheet HTML 7Page - Clare, Inc. CPC7595MATR Datasheet HTML 8Page - Clare, Inc. CPC7595MATR Datasheet HTML 9Page - Clare, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
CPC7595
R02
www.clare.com
3
1. Specifications
1.1 Package Pinout
1.2 Pinout
CPC7595B &
CPC7595M
T
BAT
F
GND
D
GND
T
TESTin
IN
TESTin
R
T
TESTout
IN
TESTout
R
TESTout
T
LINE
T
RINGING
V
DD
T
NC
NC
NC
NC
NC
NC
NC
NC
NC
SD
V
BAT
R
BAT
TESTin
R
LINE
R
RINGING
LATCH
IN
RINGING
27
26
25
24
23
22
21
20
19
18
17
16
15
28
1
3
4
5
6
7
8
2
9
10
11
12
13
14
IN
TESTout
IN
RINGING
IN
TESTin
LATCH
R
TESTout
R
RINGING
R
LINE
R
BAT
R
TESTin
V
BAT
D
GND
T
SD
V
DD
NC
T
TESTout
T
RINGING
T
LINE
T
BAT
T
TESTin
F
GND
CPC7595Z
20
19
18
17
16
15
14
13
12
11
1
2
3
4
5
6
7
8
9
10
20
Pin
28
Pin
Name
Description
11
FGND
Fault ground
2
NC
No connection
3
NC
No connection
4
NC
No connection
25
TTESTin Tip lead of the TESTin bus
36
TBAT
Tip lead of the SLIC
47
TLINE
Tip lead of the line side
58
TRINGING Ringing generator return
9
NC
Not connected
610
TTESTout Tip lead of the TESTout bus
7
11
NC
No connection
812
VDD
+5 V supply
913
TSD
Temperature shutdown pin
10 14
DGND
Digital ground
11 15
INTESTout Logic control input
12 16 INRINGING Logic control input
13 17
INTESTin Logic control input
14 18
LATCH
Data latch enable control input
15 19
RTESTout Ring lead of the TESTout bus
16 20
RRINGING Ringing generator source
21
NC
No connection
17 22
RLINE
Ring lead of the line side
18 23
RBAT
Ring lead of the SLIC
19 24
RTESTin Ring lead of the TESTin bus
25
NC
No connection
26
NC
No connection
27
NC
No connection
20 28
VBAT
Battery supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com