Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSH346 Datasheet(PDF) 3 Page - STMicroelectronics

Part # TSH346
Description  Triple video buffer/filter for HD video applications
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSH346 Datasheet(HTML) 3 Page - STMicroelectronics

  TSH346 Datasheet HTML 1Page - STMicroelectronics TSH346 Datasheet HTML 2Page - STMicroelectronics TSH346 Datasheet HTML 3Page - STMicroelectronics TSH346 Datasheet HTML 4Page - STMicroelectronics TSH346 Datasheet HTML 5Page - STMicroelectronics TSH346 Datasheet HTML 6Page - STMicroelectronics TSH346 Datasheet HTML 7Page - STMicroelectronics TSH346 Datasheet HTML 8Page - STMicroelectronics TSH346 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
TSH346
Electrical characteristics
3/18
2
Electrical characteristics
Table 3.
VCC = +5 V single supply, Tamb = 25° C (unless otherwise specified)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
DC performance
VDC
Output DC shift
RL = 150 Ω, Tamb
100
240
440
mV
-40° C < Tamb < +85° C
310
Iib
Input bias current
Tamb , input to GND
1.3
3.6
μA
-40° C < Tamb < +85° C
1.4
Rin
Input resistance
1
M
Ω
Cin
Input capacitance
0.1
pF
ICC
Total supply current
No load, input to GND
44.6
51.6
mA
-40° C < Tamb < +85° C
45
G
DC voltage gain
RL = 150 Ω, Vin = 0.5 V
1.96
2
2.05
V/V
-40° C < Tamb < +85° C
1.96
Output characteristics
VOH
High level output voltage
RL = 150 Ω
3.4
3.9
V
-40° C < Tamb < +85° C
3.8
VOL
Low level output voltage
RL = 150 Ω
47
mV
IOUT
Isource
76
100
mA
-40° C < Tamb < +85° C
91
Isink
106
134
-40° C < Tamb < +85° C
126
Filtering
High
definition
Bandwidth
Small signal, VICM =0.5 V,
RL = 150 Ω
-3 dB bandwidth
-1 dB bandwidth
25
36
32
MHz
Attenuation
Small signal, F = 74.25 MHz
VICM =0.5 V, RL =150 Ω
25
32
dB
D
Delay between each channel
0.5
ns
Noise
eN
Total input voltage noise
F = 100 kHz, RIN =50 Ω
86
nV/
√Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com