Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSH346 Datasheet(PDF) 5 Page - STMicroelectronics

Part # TSH346
Description  Triple video buffer/filter for HD video applications
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSH346 Datasheet(HTML) 5 Page - STMicroelectronics

  TSH346 Datasheet HTML 1Page - STMicroelectronics TSH346 Datasheet HTML 2Page - STMicroelectronics TSH346 Datasheet HTML 3Page - STMicroelectronics TSH346 Datasheet HTML 4Page - STMicroelectronics TSH346 Datasheet HTML 5Page - STMicroelectronics TSH346 Datasheet HTML 6Page - STMicroelectronics TSH346 Datasheet HTML 7Page - STMicroelectronics TSH346 Datasheet HTML 8Page - STMicroelectronics TSH346 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
TSH346
Electrical characteristics
5/18
Figure 7.
Gain vs. input amplitude
Figure 8.
Output vs input amplitude
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.90
1.95
2.00
2.05
2.10
Vcc=5V
Load=150
Ω
Vin (Vp-p)
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
V
OH
Output DCshift
Vcc=5V
Load=150
Ω
Vin (V)
Figure 9.
Current consumption vs. supply
Figure 10.
Supply current vs. temperature
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0
10
20
30
40
50
Vcc=5V
no Load
Vcc (V)
-40
-20
0
2040
6080
40
41
42
43
44
45
46
47
48
49
50
Vcc=5V
no Load
Temperature (°C)
Figure 11.
Filtering vs. temperature
Figure 12.
Filter attenuation vs. temperature
-40
-20
0
2040
6080
20
25
30
35
40
45
50
55
60
Vcc=5V
Load=150
Ω
Temperature (°C)
-40
-20
0
2040
6080
20
25
30
35
40
45
50
55
60
HD, f=74.25MHz
Vcc=5V
Load=150
Ω
Temperature (°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com