Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IKCS12F60B2C Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # IKCS12F60B2C
Description  Control integrated Power System
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IKCS12F60B2C Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button IKCS12F60B2C Datasheet HTML 3Page - Infineon Technologies AG IKCS12F60B2C Datasheet HTML 4Page - Infineon Technologies AG IKCS12F60B2C Datasheet HTML 5Page - Infineon Technologies AG IKCS12F60B2C Datasheet HTML 6Page - Infineon Technologies AG IKCS12F60B2C Datasheet HTML 7Page - Infineon Technologies AG IKCS12F60B2C Datasheet HTML 8Page - Infineon Technologies AG IKCS12F60B2C Datasheet HTML 9Page - Infineon Technologies AG IKCS12F60B2C Datasheet HTML 10Page - Infineon Technologies AG IKCS12F60B2C Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
CIPOS™ IKCS12F60B2A
IKCS12F60B2C
Data Sheet
7/18
Rev. 2.2, March 2009
A minimum deadtime insertion of typ 380ns is also
provided, in order to reduce cross-conduction of
the external power switches.
TEMP (temperature NTC, Pin 24)
The TEMP terminal provides direct access to the
NTC, which is referenced to VSS. An external
pull-up resistor connected to +5V ensures, that
the resulting voltage can be directly connected to
the microcontroller.
RNTC
TEMP
CIPOS™
VSS
Figure 3: Internal Circuit at pin TEMP
ITRIP (Over-current detection function, Pin 21)
CIPOS™ provides an over-current detection
function by connecting the ITRIP input with the
motor current feedback. The ITRIP comparator
threshold (typ 0.46V) is referenced to VSS
ground. A input noise filter (typ: tITRIPMIN = 225ns)
prevents the driver to detect false over-current
events.
Over-current detection generates a hard shut
down of all outputs of the gate driver after the
shutdown propagation delay of typically 900ns.
The fault-clear time is set to typically to 4.7ms.
VDD, VSS (control side supply and reference,
Pin 22, 23)
VDD is the low side supply and it provides power
both to input logic and to low side output power
stage. Input logic is referenced to VSS ground as
well as the under-voltage detection circuit.
The under-voltage circuit enables the device to
operate at power on when a supply voltage of at
least a typical voltage of VDDUV+ = 12.1 V is at
least present.
The IC shuts down all the gate drivers power
outputs, when the VCC supply voltage is below
VDDUV- = 10.4 V. This prevents the external power
switches from critically low gate voltage levels
during on-state and therefore from excessive
power dissipation.
VB1,2,3 and VS1,2,3 (High side supplies, Pin 1,
2, 4, 5, 7, 8)
VB to VS is the high side supply voltage. The high
side circuit can float with respect to VSS following
the
external
high
side
power
device
emitter/source voltage.
Due to the low power consumption, the floating
driver stage is supplied by an integrated bootstrap
circuit connected to VDD. This includes also
integrated bootstrap capacitors of 100 nF at each
floating supply, which are located very close to the
gate drive circuit.
The under-voltage detection operates with a rising
supply threshold of typical VBSUV+ = 12.1 V and a
falling threshold of VDDUV- = 10.4 V according to
Figure 4.
VS1,2,3 provide a high robustness against
negative voltage in respect of VSS of -50 V. This
ensures very stable designs even under rough
conditions.
VRU, VRV, VRW (low side emitter, Pin 12, 13,
14)
The low side emitters are available for current
measurements
of
each
phase
leg.
It
is
recommended to keep the connection to pin VSS
as short as possible in order to avoid unnecessary
inductive voltage drops.
V+ (positive bus input voltage, Pin 10)
The high side IGBT are connected to the bus
voltage. It is recommended, that the bus voltage
does not exceed 500 V.
Figure 4: Input filter timing diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com