Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IKCS12F60B2C Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # IKCS12F60B2C
Description  Control integrated Power System
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IKCS12F60B2C Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button IKCS12F60B2C Datasheet HTML 4Page - Infineon Technologies AG IKCS12F60B2C Datasheet HTML 5Page - Infineon Technologies AG IKCS12F60B2C Datasheet HTML 6Page - Infineon Technologies AG IKCS12F60B2C Datasheet HTML 7Page - Infineon Technologies AG IKCS12F60B2C Datasheet HTML 8Page - Infineon Technologies AG IKCS12F60B2C Datasheet HTML 9Page - Infineon Technologies AG IKCS12F60B2C Datasheet HTML 10Page - Infineon Technologies AG IKCS12F60B2C Datasheet HTML 11Page - Infineon Technologies AG IKCS12F60B2C Datasheet HTML 12Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
CIPOS™ IKCS12F60B2A
IKCS12F60B2C
Data Sheet
8/18
Rev. 2.2, March 2009
Absolute Maximum Ratings
(Tc = 25°C, if not stated otherwise)
Module Section
Value
Unit
Description
Condition
Symbol
Min
max
Storage temperature range
Tstg
-40
125
°C
Operating temperature control PCB
1
TPCB
-
125
°C
Solder temperature
Wave soldering,
1.6mm (0.063in.)
from case for 10s
Tsol
-
260
°C
Insulation test voltage
RMS, f=50Hz, t
=1min
VISOL
2500
-
V
Mounting torque
M3 screw and washer M
S
-
0.6
Nm
Mounting pressure on surface
Package flat on
mounting surface
NMC
-
150
N/mm²
Creepage distance
dS
3.1
-
mm
Max. peak power of bootstrap
resistor
tp = 100µs
Tc= 100°C
PBRpeak
90
W
IGBT and Diode Section
Value
Unit
Description
Condition
Symbol
min
max
Max. Blocking Voltage
VCES
600
-
V
DC output current
Tc = 25°C,TvJ <
150°C
Tc = 80°C,TvJ <
150°C
Iu, Iv, Iw
-12
-6
12
6
A
Repetitive peak collector current
tp limited by TvJmax
Iu, Iv, Iw
-18
18
A
Short circuit withstand time
2
VDD = 15V,VDC
= 400V,
TvJ = 150
°C
tsc
-
5
µs
IGBT reverse bias safe operating
area (RBSOA)
VDD = 15V,VDC
≤ 500V,
TvJ = 150
°C, IC = 6A
VCEmax = 600V
Full Square
Power dissipation per IGBT
Tc = 25°C
Ptot
-
35
W
Operating junction temperature
range
IGBT
Diode
TvjI
TvjD
-40
-40
150
150
°C
1 Monitored by pin 24
2 Allowed number of short circuits: <1000; time between short circuits: >1s.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com