Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS726A Datasheet(PDF) 2 Page - Integrated Device Technology

Part # ICS726A
Description  12 TO 36 MHZ 6TSOT VCXO
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS726A Datasheet(HTML) 2 Page - Integrated Device Technology

  ICS726A Datasheet HTML 1Page - Integrated Device Technology ICS726A Datasheet HTML 2Page - Integrated Device Technology ICS726A Datasheet HTML 3Page - Integrated Device Technology ICS726A Datasheet HTML 4Page - Integrated Device Technology ICS726A Datasheet HTML 5Page - Integrated Device Technology ICS726A Datasheet HTML 6Page - Integrated Device Technology ICS726A Datasheet HTML 7Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
ICS726A
12 TO 36 MHZ 6TSOT VCXO
VCXO
IDT™ / ICS™ 12 TO 36 MHZ 6TSOT VCXO
2
ICS726A
REV C 092409
Pin Assignment
Pin Descriptions
X2
GN D
CL K
VI N
VD D
X1
1
2
3
6
5
4
TSOT - 2 3 - 6
Pin
Number
Pin
Name
Pin
Type
Pin Description
1
X2
Input
Crystal connection. Connect to the external pullable crystal.
2
GND
Power
Connect to ground.
3
CLK
Output
VCXO CMOS level clock output at the frequency of the crystal.
4
VDD
Power
Connect to +3.3 V (0.01µf decoupling capacitor recommended).
5
VIN
Input
Voltage input to VCXO — 0 to 3.3 V analog input which controls the
oscillation frequency of the VCXO.
6
XI
Input
Crystal connection. Connect to the external pullable crystal.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com