Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS726A Datasheet(PDF) 5 Page - Integrated Device Technology

Part # ICS726A
Description  12 TO 36 MHZ 6TSOT VCXO
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS726A Datasheet(HTML) 5 Page - Integrated Device Technology

  ICS726A Datasheet HTML 1Page - Integrated Device Technology ICS726A Datasheet HTML 2Page - Integrated Device Technology ICS726A Datasheet HTML 3Page - Integrated Device Technology ICS726A Datasheet HTML 4Page - Integrated Device Technology ICS726A Datasheet HTML 5Page - Integrated Device Technology ICS726A Datasheet HTML 6Page - Integrated Device Technology ICS726A Datasheet HTML 7Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
ICS726A
12 TO 36 MHZ 6TSOT VCXO
VCXO
IDT™ / ICS™ 12 TO 36 MHZ 6TSOT VCXO
5
ICS726A
REV C 092409
AC Electrical Characteristics
VDD = 3.3 V ±5%, Ambient Temperature 0 to +70
° C, unless stated otherwise
Note 1: External crystal device must conform with Pullable Crystal Specifications listed on page 3.
Marking Diagrams (726AT)
(726ATLF)
Notes:
1. ‘26AT’ or ‘26AL’ denotes part number.
2. “L” denotes Pb (lead) free package.
3. Bottom marking: ‘####’ denotes last 4 digits of lot number
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Output Frequency
FO
12
36
MHz
Crystal Pullability,
Note 2
FP
0V< VIN < 3.3 V, Note 1
±115
ppm
VCXO Gain
VIN = VDD/2 ± 1 V, Note 1
140
ppm/V
Output Rise Time
tOR
0.8 to 2.0 V, CL=15 pF
0.8
1.5
ns
Output Fall Time
tOF
2.0 to 0.8 V, CL=15 pF
0.8
1.5
ns
Output Clock Duty
Cycle
tD
Measured at 1.4 V, CL=15 pF
40
50
60
%
Maximum Output
Jitter, short term
tJ
CL=15 pF
100
ps
26AT
26AL



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com