Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS2305 Datasheet(PDF) 2 Page - Integrated Device Technology

Part # ICS2305
Description  3.3 VOLT ZERO DELAY LOW SKEW BUFFER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS2305 Datasheet(HTML) 2 Page - Integrated Device Technology

  ICS2305 Datasheet HTML 1Page - Integrated Device Technology ICS2305 Datasheet HTML 2Page - Integrated Device Technology ICS2305 Datasheet HTML 3Page - Integrated Device Technology ICS2305 Datasheet HTML 4Page - Integrated Device Technology ICS2305 Datasheet HTML 5Page - Integrated Device Technology ICS2305 Datasheet HTML 6Page - Integrated Device Technology ICS2305 Datasheet HTML 7Page - Integrated Device Technology ICS2305 Datasheet HTML 8Page - Integrated Device Technology ICS2305 Datasheet HTML 9Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
ICS2305
3.3 VOLT ZERO DELAY LOW SKEW BUFFER
ZERO DELAY BUFFER
IDT™ / ICS™ 3.3 VOLT ZERO DELAY LOW SKEW BUFFER
2
ICS2305
REV E 081709
Pin Assignment
Pin Descriptions
1
2
CLKIN
CLKOUT
3
CLK2
4
CLK1
CLK4
GND
VDD
CLK3
8
7
6
5
8pin ( 150mil ) SOIC
Pin
Number
Pin
Name
Pin Type
Pin Description
1
CLKIN
Input
Clock input (5 V tolerant).
2
CLK2
Output
Buffered Clock output 2.
3
CLK1
Power
Buffered Clock output 1
4
GND
Power
Connect to ground.
5
CLK3
Output
Buffered Clock output 3
6
VDD
Power
Power supply. Connect to 3.3 V.
7
CLK4
Output
Buffered Clock output 4.
8
CLKOUT
Output
Buffered output. Internall feedback on this pin.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com