Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS2305 Datasheet(PDF) 3 Page - Integrated Device Technology

Part # ICS2305
Description  3.3 VOLT ZERO DELAY LOW SKEW BUFFER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS2305 Datasheet(HTML) 3 Page - Integrated Device Technology

  ICS2305 Datasheet HTML 1Page - Integrated Device Technology ICS2305 Datasheet HTML 2Page - Integrated Device Technology ICS2305 Datasheet HTML 3Page - Integrated Device Technology ICS2305 Datasheet HTML 4Page - Integrated Device Technology ICS2305 Datasheet HTML 5Page - Integrated Device Technology ICS2305 Datasheet HTML 6Page - Integrated Device Technology ICS2305 Datasheet HTML 7Page - Integrated Device Technology ICS2305 Datasheet HTML 8Page - Integrated Device Technology ICS2305 Datasheet HTML 9Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
ICS2305
3.3 VOLT ZERO DELAY LOW SKEW BUFFER
ZERO DELAY BUFFER
IDT™ / ICS™ 3.3 VOLT ZERO DELAY LOW SKEW BUFFER
3
ICS2305
REV E 081709
External Components
The ICS2305 requires a minimum number of external components for proper operation. Decoupling
capacitors of 0.01 mF should be connected between VDD and GND on pins 4 and 5, and VDD and GND
on pins 13 and 12, as close to the device as possible. A series termination resistor of 33
Ω may be used to
each clock output pin to reduce reflections.
Absolute Maximum Ratings
Stresses above the ratings listed below can cause permanent damage to the ICS2305. These ratings,
which are standard values for IDT commercially rated parts, are stress ratings only. Functional operation of
the device at these or any other conditions above those indicated in the operational sections of the
specifications is not implied. Exposure to absolute maximum rating conditions for extended periods can
affect product reliability. Electrical parameters are guaranteed only over the recommended operating
temperature range.
Recommended Operation Conditions
Item
Rating
Supply Voltage, VDD
7 V
All Inputs and Outputs
-0.5 V to VDD+0.5 V
CLKIN and FBIN inputs
-0.5 V to 5.5 V
Electrostatic Discharge (HBM)
2000 V
Ambient Operating Temperature (Commercial)
0 to +70
° C
Ambient Operating Temperature (Industrial)
-40 to +85
° C
Storage Temperature
-65 to +150
° C
Junction Temperature
150
° C
Soldering Temperature
260
° C
Parameter
Min.
Typ.
Max.
Units
Ambient Operating Temperature (Industrial)
-40
+85
° C
Ambient Operating Temperature (Commercial)
0
+70
° C
Power Supply Voltage (measured in respect to GND)
+3.0
+3.6
V



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com