Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS8524 Datasheet(PDF) 11 Page - Integrated Device Technology

Part # ICS8524
Description  LOW SKEW, 1-TO-22 DIFFERENTIAL-TO-HSTL FANOUT BUFFER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS8524 Datasheet(HTML) 11 Page - Integrated Device Technology

Back Button ICS8524 Datasheet HTML 7Page - Integrated Device Technology ICS8524 Datasheet HTML 8Page - Integrated Device Technology ICS8524 Datasheet HTML 9Page - Integrated Device Technology ICS8524 Datasheet HTML 10Page - Integrated Device Technology ICS8524 Datasheet HTML 11Page - Integrated Device Technology ICS8524 Datasheet HTML 12Page - Integrated Device Technology ICS8524 Datasheet HTML 13Page - Integrated Device Technology ICS8524 Datasheet HTML 14Page - Integrated Device Technology ICS8524 Datasheet HTML 15Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
8524AY
www.icst.com/products/hiperclocks.html
REV. B AUGUST 1, 2007
11
ICS8524
LOW SKEW, 1-TO-22
DIFFERENTIAL-TO-HSTL FANOUT BUFFER
VDDO=1.8V
C7
0.1uF
(U1-48)
(U1-64)
+
-
R12
1K
Zo = 50
C2
0.1uF
R2
50
(U1-32)
C3
0.1uF
(U1-33)
C1
0.1uF
R1
50
Zo = 50
C5
0.1uF
C6
0.1uF
(U1-1)
C4
0.1uF
(U1-49)
VDD=3.3V
R10
50
Zo = 50
LVHSTL Driv er
R8
50
(U1-17)
Zo = 50
R9
50
C8
0.1uF
1.8V
VDDO=1.8V
+
-
VDD=3.3V
Zo = 50 Ohm
(U1-16)
U3
ICS8524
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
39
38
37
36
35
34
33
48
47
46
45
44
43
42
41
40
VDDO
nc
nc
VDD
CLK
nCLK
CLK_SEL
PCLK
nPCLK
GND
OE
nc
nc
nQ21
Q21
VDDO
Q11
nQ11
Q12
nQ12
Q13
nQ13
VDDO
VDDO
Q7
nQ7
Q8
nQ8
Q9
nQ9
Q10
nQ10
C9
0.1u
R11
1K
R7
50
Zo = 50 Ohm
SCHEMATIC EXAMPLE
Figure 5 shows a schematic example of the ICS8524. In this
example, the input is driven by an ICS HiPerClockS HSTL driver.
The decoupling capacitors should be physically located near the
FIGURE 5. ICS8524 HSTL BUFFER SCHEMATIC EXAMPLE
power pin. For ICS8524, the unused clock outputs can be left
floating.
EXPOSED PAD
Expose Metal Pad
(GROUND PAD)
GROUND PLANE
SOLDER
SIGNAL
TRACE
SIGNAL
TRACE
THERM AL VIA
SOLDER M ASK
FIGURE 6. P.C. BOARD FOR EXPOSED PAD THERMAL RELEASE PATH EXAMPLE
THERMAL RELEASE PATH
The expose metal pad provides heat transfer from the device to
the P.C. board. The expose metal pad is ground pad connected
to ground plane through thermal via. The exposed pad on the
device to the exposed metal pad on the PCB is contacted through
solder as shown in
Figure 6. For further information, please re-
fer to the Application Note on Surface Mount Assembly of
Amkor’s Thermally /Electrically Enhance Leadframe Base Pack-
age, Amkor Technology.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com