Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4207G Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # TLE4207G
Description  1-A Dual-HBD (Dual-Half-Bridge Driver) TLE4207G
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4207G Datasheet(HTML) 5 Page - Infineon Technologies AG

  TLE4207G Datasheet HTML 1Page - Infineon Technologies AG TLE4207G Datasheet HTML 2Page - Infineon Technologies AG TLE4207G Datasheet HTML 3Page - Infineon Technologies AG TLE4207G Datasheet HTML 4Page - Infineon Technologies AG TLE4207G Datasheet HTML 5Page - Infineon Technologies AG TLE4207G Datasheet HTML 6Page - Infineon Technologies AG TLE4207G Datasheet HTML 7Page - Infineon Technologies AG TLE4207G Datasheet HTML 8Page - Infineon Technologies AG TLE4207G Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
TLE4207G
Data Sheet
5
Rev. 1.1, 2008-01-08
Electrical Characteristics
Note: Maximum ratings are absolute ratings; exceeding any one of these values may
cause irreversible damage to the integrated circuit.
Absolute Maximum Ratings
Parameter
Symbol
Limit Values
Unit
Remarks
min.
max.
Voltages
Supply voltage
V
S
– 0.3
45
V
–
Supply voltage
V
S
– 1
–
V
t < 0.5 s; I
S > – 2 A
Logic input voltages
(IN1; IN2; INH)
V
I
– 5
20
V
0 V <
V
S < 45 V
Logic output voltage (EF)
V
EF
– 0.3
20
V
0 V <
V
S < 45 V
Currents
Output current (cont.)
I
OUT1-2
–
–
A
internally limited
Output current (peak)
I
OUT1-2
–
–
A
internally limited
Output current (diode)
I
OUT1-2
–1
1
A
–
Output current (EF)
I
OUT1-2
–2
5
mA
–
Temperatures
Junction temperature
T
j
– 40
150
°C–
Storage temperature
T
stg
– 50
150
°C–
Thermal Resistances
Junction pin
R
thj-pin
–
25
K/W
measured to pin 5
Junction ambient
R
thjA
–65
K/W
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com