Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4207G Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # TLE4207G
Description  1-A Dual-HBD (Dual-Half-Bridge Driver) TLE4207G
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4207G Datasheet(HTML) 2 Page - Infineon Technologies AG

  TLE4207G Datasheet HTML 1Page - Infineon Technologies AG TLE4207G Datasheet HTML 2Page - Infineon Technologies AG TLE4207G Datasheet HTML 3Page - Infineon Technologies AG TLE4207G Datasheet HTML 4Page - Infineon Technologies AG TLE4207G Datasheet HTML 5Page - Infineon Technologies AG TLE4207G Datasheet HTML 6Page - Infineon Technologies AG TLE4207G Datasheet HTML 7Page - Infineon Technologies AG TLE4207G Datasheet HTML 8Page - Infineon Technologies AG TLE4207G Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
Data Sheet
2
Rev. 1.1, 2008-01-08
TLE4207G
Figure 1
Pin Configuration (top view)
Pin Definitions and Functions
Pin No.
PG-DSO-
14-22
Symbol Function
1
V
S
Power supply voltage;
positive reference potential for blocking capacitor
2OUT2
Power output 2; short circuit protected;
with integrated clamp diodes
3, 4, 5,
10, 11, 12
GND
Ground;
negative reference potential for blocking
capacitor
6IN2
Input channel 2; controls OUT2 (not inverted)
7INH
Inhibit input; low = IC in stand-by
8EF
Error Flag output; open collector; low = error
9IN1
Input channel 1; controls OUT1 (not inverted)
13
OUT1
Power output 1; short circuit protected;
with integrated clamp diodes
14
N.C.
Not connected
AEP02303
INH
10
9
1
2
3
4
5
6
7
14
13
12
11
8
IN2
GND
OUT2
IN1
GND
OUT1
N.C.
GND
GND
GND
GND
VS
EF
TLE
4207G



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com