Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4267G Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # TLE4267G
Description  5-V Low Drop Voltage Regulator
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4267G Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button TLE4267G Datasheet HTML 5Page - Infineon Technologies AG TLE4267G Datasheet HTML 6Page - Infineon Technologies AG TLE4267G Datasheet HTML 7Page - Infineon Technologies AG TLE4267G Datasheet HTML 8Page - Infineon Technologies AG TLE4267G Datasheet HTML 9Page - Infineon Technologies AG TLE4267G Datasheet HTML 10Page - Infineon Technologies AG TLE4267G Datasheet HTML 11Page - Infineon Technologies AG TLE4267G Datasheet HTML 12Page - Infineon Technologies AG TLE4267G Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
TLE 4267
Data Sheet
9
Rev. 2.5, 2007-03-20
Table 6
Characteristics
V
I = 13.5 V; -40 °C < TJ < 125 °C; VE2 > 4 V (unless specified otherwise)
Parameter
Symbol
Limit Values
Unit Test Condition
Min.
Typ.
Max.
Output voltage
V
Q
4.95
5.1V
5 mA
≤ I
Q ≤ 400 mA
6 V
≤ V
I ≤ 26 V
Output voltage
V
Q
4.95
5.1V
5 mA
≤ I
Q ≤ 150 mA
6 V
≤ V
I ≤ 40 V
Output current limiting
I
Q
500
––mA
T
J = 25 °C
Current consumption
I
q = II - IQ
I
q
––50
µAIC turned off
Current consumption
I
q = II - IQ
I
q
–1.0
10
µA
T
J = 25 °C
IC turned off
Current consumption
I
q = II - IQ
I
q
–1.3
4mA
I
Q = 5 mA
IC turned on
Current consumption
I
q = II - IQ
I
q
––60
mA
I
Q = 400 mA
Current consumption
I
q = II - IQ
I
q
––80
mA
I
Q = 400 mA
V
I = 5 V
Drop voltage
V
Dr
–0.3
0.6
V
I
Q = 400 mA
1)
Load regulation
∆V
Q
––50
mV
5 mA
≤ I
Q ≤ 400 mA
Supply-voltage
regulation
∆V
Q
–15
25
mV
V
I = 6 to 36 V;
I
Q = 5 mA
Supply-voltage rejection
SVR
–54
–
dB
f
r = 100 Hz;
V
r = 0.5 Vpp
Longterm stability
∆V
Q
–0–mV
1000 h
Reset Generator
Switching threshold
V
RT
4.24.5
4.8V
–
Reset High level
–
4.5
–
–
V
R
ext = ∞
Saturation voltage
V
RO,SAT
–0.1
0.4
V
R
R = 4.7 kΩ
2)
Internal Pull-up resistor
R
RO
–30
–
k
Ω
–
Saturation voltage
V
D,SAT
–50
100
mV
V
Q < VRT
Charge current
I
D
815
25
µA
V
D = 1.5 V
Upper delay switching
threshold
V
UD
2.63
3.3V
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com