Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4267G Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # TLE4267G
Description  5-V Low Drop Voltage Regulator
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4267G Datasheet(HTML) 2 Page - Infineon Technologies AG

  TLE4267G Datasheet HTML 1Page - Infineon Technologies AG TLE4267G Datasheet HTML 2Page - Infineon Technologies AG TLE4267G Datasheet HTML 3Page - Infineon Technologies AG TLE4267G Datasheet HTML 4Page - Infineon Technologies AG TLE4267G Datasheet HTML 5Page - Infineon Technologies AG TLE4267G Datasheet HTML 6Page - Infineon Technologies AG TLE4267G Datasheet HTML 7Page - Infineon Technologies AG TLE4267G Datasheet HTML 8Page - Infineon Technologies AG TLE4267G Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
Data Sheet
2
Rev. 2.5, 2007-03-20
TLE 4267
Application
The IC regulates an input voltage
V
I in the range of 5.5 V < VI < 40 V to a nominal output
voltage of
V
Q = 5.0 V. A reset signal is generated for an output voltage of VQ < VRT (typ.
4.5 V). The reset delay can be set with an external capacitor. The device has two logic
inputs. A voltage of
V
E2 > 4.0 V given to the E2-pin (e.g. by ignition) turns the device on.
Depending on the voltage on pin E6 the IC may be hold in active-state even if
V
E2 goes
to low level. This makes it simple to implement a self-holding circuit without external
components. When the device is turned off, the output voltage drops to 0 V and current
consumption tends towards 0
µA.
Design Notes for External Components
The input capacitor
C
I is necessary for compensation of line influences. The resonant
circuit consisting of lead inductance and input capacitance can be damped by a resistor
of approx. 1
Ω in series with C
I. The output capacitor is necessary for the stability of the
regulating circuit. Stability is guaranteed at values of
≥ 22 µF and an ESR of ≤ 3 Ω within
the operating temperature range.
Circuit Description
The control amplifier compares a reference voltage, which is kept highly accurate by
resistance adjustment, to a voltage that is proportional to the output voltage and drives
the base of the series transistor via a buffer. Saturation control as a function of the load
current prevents any over-saturating of the power element.
The reset output RO is in high-state if the voltage on the delay capacitor
C
D is greater or
equal
V
UD. The delay capacitance CD is charged with the current ID for output voltages
greater than the reset threshold
V
RT. If the output voltage gets lower than VRT a fast
discharge of the delay capacitor
C
D sets in and as soon as VCD gets lower than VLD the
reset output RO is set to low-level (see Figure 6). The reset delay can be set within wide
range by dimensioning the capacitance of the external capacitor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com