Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4309G Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # TLE4309G
Description  Adjustable Linear Low Dropout LED Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4309G Datasheet(HTML) 5 Page - Infineon Technologies AG

  TLE4309G Datasheet HTML 1Page - Infineon Technologies AG TLE4309G Datasheet HTML 2Page - Infineon Technologies AG TLE4309G Datasheet HTML 3Page - Infineon Technologies AG TLE4309G Datasheet HTML 4Page - Infineon Technologies AG TLE4309G Datasheet HTML 5Page - Infineon Technologies AG TLE4309G Datasheet HTML 6Page - Infineon Technologies AG TLE4309G Datasheet HTML 7Page - Infineon Technologies AG TLE4309G Datasheet HTML 8Page - Infineon Technologies AG TLE4309G Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
TLE4309
Datasheet
5
Rev. 1.0, 2007-03-20
Note: Within the functional range the IC operates as described in the circuit description.
The electrical characteristics are specified within the conditions given in the
related electrical characteristics table
.
Table 3
Operating Range
Parameter
Symbol
Limit Values
Unit
Remarks
Min.
Max.
Input voltage
V
I
4.5
24
V
–
PWM / ENABLE voltage
V
PWM
024
V
–
Junction temperature
T
j
-40
150
°C–
Reference resistor
R
REF
01.8
Ω
–
Table 4
Thermal Resistance
Parameter
Symbol
Typical
Limit Values
Unit
Remarks
Junction ambient
R
thja
78
K/W
Footprint only
1)
1) Worst case regarding peak temperature; mounted on PCB FR4, 80
× 80 × 1.5 mm3, 35 µm Cu,
horizontal position, zero airflow.
52
K/W
300mm
2 heat sink area1)
39
K/W
600mm
2 heat sink area1)
Junction case
R
thjc
3K/W
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com