Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4309G Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # TLE4309G
Description  Adjustable Linear Low Dropout LED Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4309G Datasheet(HTML) 2 Page - Infineon Technologies AG

  TLE4309G Datasheet HTML 1Page - Infineon Technologies AG TLE4309G Datasheet HTML 2Page - Infineon Technologies AG TLE4309G Datasheet HTML 3Page - Infineon Technologies AG TLE4309G Datasheet HTML 4Page - Infineon Technologies AG TLE4309G Datasheet HTML 5Page - Infineon Technologies AG TLE4309G Datasheet HTML 6Page - Infineon Technologies AG TLE4309G Datasheet HTML 7Page - Infineon Technologies AG TLE4309G Datasheet HTML 8Page - Infineon Technologies AG TLE4309G Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Datasheet
2
Rev. 1.0, 2007-03-20
TLE4309
Circuit Description
An external shunt resistor in the ground path of the connected LEDs senses the LED
current. A regulation loop maintains the voltage drop across the shunt resistor at a
constant level. Selecting the shunt resistance permits to adjust the appropriate constant
current . The output current calculates
(1)
where
V
REF is the reference voltage. (see “Electrical Characteristics” table). The
equation applies in a range of 0.39
Ω ≤ R
REF ≤ 1.8 Ω. On Page 7, the output current is
shown as a function of the reference resistance.
Figure 1
Block Diagram and Typical Application Circuit
During operation, the LED brightness is modifiable by adjusting the duty cycle at the
PWM/EN input. This allows to dim the LEDs during operation or adapt the output current
to different LED luminosity classes.
A low signal at the PWM/EN input sets the IC into sleep mode consuming less than 1 µA.
Due to its high input impedance, the PWM/EN pin can be used as an enable input.
Connect the pin directly to the supply line, if its function is not needed.
The minimum supply voltage calculates as the sum of the LED forward voltages, the
TLE4309 dropout voltage and the maximum voltage drop across the reference resistor
R
REF .
IQtyp
,
V
REF
R
REF
------------
=
T L E 430 9_B LOCKDIA GRA M+ AP PCIRCUIT .V SD
Bandgap
Reference
4
GND
5REF
7
Q
I
1
PWM
/ EN
2
Temp.
Shutdown
Bias Supply
R
RE F
+12V
Logic
100nF
TLE 4309



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com