Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE7826G Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # TLE7826G
Description  Integrated double low-side switch, high-side/LED driver, hall supply, wake-up inputs and LIN communication with embedded MCU (32kB Flash)
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7826G Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button TLE7826G Datasheet HTML 5Page - Infineon Technologies AG TLE7826G Datasheet HTML 6Page - Infineon Technologies AG TLE7826G Datasheet HTML 7Page - Infineon Technologies AG TLE7826G Datasheet HTML 8Page - Infineon Technologies AG TLE7826G Datasheet HTML 9Page - Infineon Technologies AG TLE7826G Datasheet HTML 10Page - Infineon Technologies AG TLE7826G Datasheet HTML 11Page - Infineon Technologies AG TLE7826G Datasheet HTML 12Page - Infineon Technologies AG TLE7826G Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 53 page
background image
Data Sheet
9
Rev. 3.01, 2008-04-15
TLE7826G
Pin Definitions and Functions
Figure 3
Pinout and Module Interconnects
–
V
A
ADC Measurement Output (analog); for chip temperature and battery voltage
measurement
–ERR
Error Pin; bi-directional signal; ERR has an internal pull-up; low-active;
connected to µC General Purpose Input P3.6 (RSTOUT)
7GND
Ground; including GND for LSx and LIN
12
Ground; corresponding GND to
V
DDC
21
Ground;
V
AGND (ADC) & corresponding GND to VDDP
22
Ground;
V
AGND (ADC); also GND for LDO and Measurement Interface
Pin No. Symbol
Function
VAREF
VA
TxD
RxD
P1.1
CLK
DI
DO
ERR
RESET
MON5 /
HS_LED
MON4
MON3
MON1
P0.4
P0.5
GND
VDDC
TMS
P0.0
[TCK_0]
P0.2
[TDO_0]
P0.1
[TDI_0]
P2.0
P2.1
VDDP
GND
GND
VCC
VS
VBAT_
SENSE
LIN
GND
LS1
LS2
SUPPLY
MON2
P0.3
1
2
3
4
5
67
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
SBC
8-Bit µC
VAREF
P2.7
CSN
P1.0
P1.5
P1.2
P1.3
P1.4
P3.6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com