Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE7826G Datasheet(PDF) 21 Page - Infineon Technologies AG

Part # TLE7826G
Description  Integrated double low-side switch, high-side/LED driver, hall supply, wake-up inputs and LIN communication with embedded MCU (32kB Flash)
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7826G Datasheet(HTML) 21 Page - Infineon Technologies AG

Back Button TLE7826G Datasheet HTML 17Page - Infineon Technologies AG TLE7826G Datasheet HTML 18Page - Infineon Technologies AG TLE7826G Datasheet HTML 19Page - Infineon Technologies AG TLE7826G Datasheet HTML 20Page - Infineon Technologies AG TLE7826G Datasheet HTML 21Page - Infineon Technologies AG TLE7826G Datasheet HTML 22Page - Infineon Technologies AG TLE7826G Datasheet HTML 23Page - Infineon Technologies AG TLE7826G Datasheet HTML 24Page - Infineon Technologies AG TLE7826G Datasheet HTML 25Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 53 page
background image
Data Sheet
21
Rev. 3.01, 2008-04-15
TLE7826G
SPI (Serial Peripheral Interface)
Table 2
SPI Input Data Bits
BIT
Input Data
0
Mode Selection Bit 0 (MS0)
1
Mode Selection Bit 1 (MS1)
2
Mode Selection Bit 2 (MS2)
3
Configuration Selection Bit 0 (CS0)
4
Configuration Selection Bit 1 (CS1)
5 … 13
Configuration Register (meaning based on “Configuration Selection Bits”)
14
Measurement Interface “on” / “off” (setting only valid in active mode, in power saving modes the
Measurement interface is turned off)
15
Window Watchdog Stop/Sleep mode configuration “on” / “off” (the configuration is only valid for
Stop/Sleep mode, in Active mode the Window Watchdog is always on);
if “on” is set before Stop Mode is entered, watchdog remains active regardless of “watchdog disable
current threshold”
Table 3
Mode Selection Bits
MS2
MS1
MS0
Mode Selection: SBC Mode
0
0
0
“reserved” / not used
0
0
1
“reserved” / not used
0
1
0
SBC Active Mode: “LIN Sleep”
0
1
1
SBC Active Mode (LIN “on”)
1
0
0
SBC Sleep (LIN & VReg “off”)
1
0
1
“reserved” / not used
1
1
0
LIN Transceiver: LIN Receive-Only
1
1
1
SBC Stop Mode (LIN “off”)
Table 4
Configuration Selection Bits
CS1
CS0
Configuration Selection
0
0
General Configuration
0
1
Integrated Switch Configuration
1
0
Cyclic Wake Configuration
1
1
Window Watchdog Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com