Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS8430002 Datasheet(PDF) 21 Page - Integrated Device Technology

Part # ICS8430002
Description  High-Performance Fractional-N Frequency Synthesizer
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS8430002 Datasheet(HTML) 21 Page - Integrated Device Technology

Back Button ICS8430002 Datasheet HTML 17Page - Integrated Device Technology ICS8430002 Datasheet HTML 18Page - Integrated Device Technology ICS8430002 Datasheet HTML 19Page - Integrated Device Technology ICS8430002 Datasheet HTML 20Page - Integrated Device Technology ICS8430002 Datasheet HTML 21Page - Integrated Device Technology ICS8430002 Datasheet HTML 22Page - Integrated Device Technology ICS8430002 Datasheet HTML 23Page - Integrated Device Technology ICS8430002 Datasheet HTML 24Page - Integrated Device Technology ICS8430002 Datasheet HTML 25Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
ICS8430002AY REVISION C NOVEMBER 12, 2009
21
©2009 Integrated Device Technology, Inc.
ICS8430002 Data Sheet
HIGH-PERFORMANCE FRACTIONAL-N FREQUENCY SYNTHESIZER
Power Considerations
This section provides information on power dissipation and junction temperature for the ICS8430002.
Equations and example calculations are also provided.
1.
Power Dissipation.
The total power dissipation for the ICS8430002 is the sum of the core power plus the power dissipated in the load(s).
The following is the power dissipation for VCC = 3.3V + 5% = 3.465V, which gives worst case results.
NOTE: Please refer to Section 3 for details on calculating power dissipated in the load.
•
Power (core)MAX = VCC_MAX * IEE_MAX = 3.465V * 182mA = 630.63mW
•
Power (LVPECL outputs)MAX = 30mW/Loaded Output pair
•
Power (LVPECL output) = 2 * 30mW = 60mW
LVCMOS Output Power Dissipation
•
Output Impedance ROUT Power Dissipation due to Loading 50Ω to VDDO/2
Output Current IOUT = VDDO_MAX / [2 * (50Ω + ROUT)] = 3.465V / [2 * (50Ω + 7Ω)] = 30.4mA
•
Power Dissipation on the ROUT per LVCMOS output
Power (ROUT) = ROUT * (IOUT)
2 = 7
Ω * (30.4mA)2 = 6.47mW per output
Total Power Dissipation
•
Total Power
= Power (core) + Power (LVPECL output) + Power (ROUT)
= 630.63mW + 60mW + 6.47mW = 697.1mW
2. Junction Temperature.
Junction temperature, Tj, is the temperature at the junction of the bond wire and bond pad directly affects the reliability of the device. The
maximum recommended junction temperature for HiPerClockS devices is 125°C. Limiting the internal transistor junction temperature, Tj, to
125°C ensures that the bond wire and bond pad temperature remains below 125°C.
The equation for Tj is as follows: Tj =
θ
JA * Pd_total + TA
Tj = Junction Temperature
θ
JA = Junction-to-Ambient Thermal Resistance
Pd_total = Total Device Power Dissipation (example calculation is in section 1 above)
TA = Ambient Temperature
In order to calculate junction temperature, the appropriate junction-to-ambient thermal resistance
θ
JA must be used. Assuming no air flow and
a multi-layer board, the appropriate value is 65.7°C/W per Table 8 below.
Therefore, Tj for an ambient temperature of 70°C with all outputs switching is:
70°C + 0.697W * 65.7°C/W = 115.8°C. This is below the limit of 125°C.
This calculation is only an example. Tj will obviously vary depending on the number of loaded outputs, supply voltage, air flow and the type of
board.
Table 8. Thermal Resistance θJA for 48 Lead TQFP, Forced Convection
θ
JA by Velocity
Meters per Second
01
2.5
Multi-Layer PCB, JEDEC Standard Test Boards
65.7°C/W
55.9°C/W
52.4°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com