Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS8430002 Datasheet(PDF) 13 Page - Integrated Device Technology

Part # ICS8430002
Description  High-Performance Fractional-N Frequency Synthesizer
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS8430002 Datasheet(HTML) 13 Page - Integrated Device Technology

Back Button ICS8430002 Datasheet HTML 9Page - Integrated Device Technology ICS8430002 Datasheet HTML 10Page - Integrated Device Technology ICS8430002 Datasheet HTML 11Page - Integrated Device Technology ICS8430002 Datasheet HTML 12Page - Integrated Device Technology ICS8430002 Datasheet HTML 13Page - Integrated Device Technology ICS8430002 Datasheet HTML 14Page - Integrated Device Technology ICS8430002 Datasheet HTML 15Page - Integrated Device Technology ICS8430002 Datasheet HTML 16Page - Integrated Device Technology ICS8430002 Datasheet HTML 17Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
ICS8430002AY REVISION C NOVEMBER 12, 2009
13
©2009 Integrated Device Technology, Inc.
ICS8430002 Data Sheet
HIGH-PERFORMANCE FRACTIONAL-N FREQUENCY SYNTHESIZER
Parameter Measurement Information
3.3/3.3V LVPECL Output Load AC Test Circuit
3.3/3.3V LVCMOS Output Load AC Test Circuit
Differential Input Level
3.3V/2.5V LVPECL Output Load AC Test Circuit
3.3/2.5V LVCMOS Output Load AC Test Circuit
Period Jitter
SCOPE
Qx
nQx
LVPECL
V
EE
VCC,
2V
-1.3V±0.165V
-
VCCO_A,
VCCO_B
VCCA
2V
SCOPE
Qx
LVCMOS
GND
1.65V±5%
-1.65V±5%
1.65V±5%
VCC,
VCCA
VCCO_REF
VCC
VEE
V
CMR
Cross Points
V
PP
PCLK
nPCLK
SCOPE
Qx
nQx
LVPECL
V
EE
2V
-0.5V±0.125V
VCC
2.8V±0.04V
VCCO_A,
2.8V±0.04V
VCCA
VCCO_B
SCOPE
Qx
GND
LVCMOS
1.25V±5%
-1.25V±5%
2.05V±5%
2.05V±5%
VCC,
VCCA
VCCO_REF
VOH
VREF
VOL
Mean Period
(First edge after trigger)
Reference Point
(Trigger Edge)
1
σ contains 68.26% of all measurements
2
σ contains 95.4% of all measurements
3
σ contains 99.73% of all measurements
4
σ contains 99.99366% of all measurements
6
σ contains (100-1.973x10-7)% of all measurements
Histogram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com