Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM4233 Datasheet(PDF) 1 Page - EM Microelectronic - MARIN SA

Part # EM4233
Description  2k bit Read/Write High Secure ISO15693 Standard Compliant Device
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM4233 Datasheet(HTML) 1 Page - EM Microelectronic - MARIN SA

  EM4233 Datasheet HTML 1Page - EM Microelectronic - MARIN SA  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
R
EM4233
Copyright
© 2008, EM Microelectronic-Marin SA
10/08 – rev.A
1
www.emmicroelectronic.com
2k bit Read/Write High Secure
ISO15693 Standard Compliant Device
General Description
The EM4233 is a long range passive CMOS integrated
circuit
intended
for
use
in
applications
requiring
a
contactless read/write memory offering a high and tailored
level of security.
The configurable 2k bit EEPROM memory included in the
chip is organized in 64 words of 32 bits. The high level of
flexibility in the memory management, permits that a
memory word can be read/write protected and/or locked
separately.
This latest generation of EEPROM memory offers data
retention of 60 years enabling solutions for long-term asset
management applications.
The customer data privacy and security is guaranteed by a
powerful and fast crypto engine implemented in the chip
associated with a true random generator and a 96 bit secret
key.
The enhanced on-chip security feature permits a flexible
administration of the memory access rights which makes it
the right solution for advanced theft protection.
Depending on the application requirements, in terms of
security, the user can tailor and adjust the security level by
selecting either a true mutual authentication process, a login
procedure with a 32 bit password or use the chip as a plain
text memory.
The IC supports all the ISO15693 Mandatory commands
and many of the optional commands. Its command set is
completed by unique custom commands which give to the
EM4233 customers a higher degree of differentiation in
terms of security, flexibility and data protection.
Each EM4233 contains in its memory a 64 bit unique serial
number which cannot be altered and guaranties the
uniqueness of each device.
Features
ISO15693 / ISO18000-3 standard compliant
Long range, low power vicinity transponder IC
60 years data retention
64-bit ISO15693 Unique Identifier (UID)
2k bit EEPROM organized in 64 blocks of 32 bits
1.625k bit user’s data memory (52 blocks of 32 bits)
Secure privacy mode controlled by a 96 bit secret key
and a high secure crypto engine
Alternatively possibility to select a lower level of the
security mode based on login command and a 32 bit
password or as a plain text memory.
Smart and flexible Electronic Article Surveillance feature
Password protected Destroy function to deactivate
forever the label
Quiet Storage feature to speed up inventory processes
Data Storage Format Identifier (DSFID)
Application Field Identifier (AFI) supported
EEPROM blocks/pages Locking mechanisms
Support all mandatory and most of optional ISO/IEC
15693 commands and a complete set of custom
commands
On-chip resonant capacitor options: 23.5pF and 97pF
-40 to +85˚C temperature range
Bonding pads optimized for flip-chip assembly
Applications
Library management
Archives and collections
Access Control
Long.term asset tagging
Supply Chain Management
Block Diagram
EM MICROELECTRONIC - MARIN SA
Figure 1
Vdd
Cr
L2
L1
POR
EEPROM
R
E
G
U
L
A
T
O
R
MODULATOR
LIMITER
POWER
MONITOR
CBU
AM
DEMODULATOR
MOD
LOGIC
CLOCK
EXTRACTOR
RECEIVED
CLOCK
Lr
VPOS
PULSE
RECTIFIER
PCK


Similar Part No. - EM4233

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EM423M3284LBA-75FE ETC2-EM423M3284LBA-75FE Datasheet
667Kb / 20P
512Mb (4M횞4Bank횞32) Double DATA RATE SDRAM
EM423M3284LBA-7FE ETC2-EM423M3284LBA-7FE Datasheet
667Kb / 20P
512Mb (4M횞4Bank횞32) Double DATA RATE SDRAM
EM423M3284LBA-8FE ETC2-EM423M3284LBA-8FE Datasheet
667Kb / 20P
512Mb (4M횞4Bank횞32) Double DATA RATE SDRAM
More results

Similar Description - EM4233

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DM5489 ETC1-DM5489 Datasheet
158Kb / 3P
64-BIT READ/WRITE MEMORIES
logo
EM Microelectronic - MA...
EM4034 EMMICRO-EM4034 Datasheet
54Kb / 1P
13.56MHz, ISO15693 Standard Compliant Contactless RW Identification Device
EM4035 EMMICRO-EM4035 Datasheet
93Kb / 1P
13.56MHz CRYPTO ISO15693 Compliant Contactless Identification Device
EM4135 EMMICRO-EM4135 Datasheet
76Kb / 1P
13.56MHz, ISO15693 Standard Compliant Contactless Identification Device
EM4269 EMMICRO-EM4269 Datasheet
54Kb / 1P
512 bit Read/Write Contactless Identification Device
EM4369 EMMICRO-EM4369 Datasheet
121Kb / 1P
512 bit Read/Write Contactless Identification Device
EM4444 EMMICRO-EM4444 Datasheet
109Kb / 1P
512 bit, Read/Write UHF Identification Device
EM4569 EMMICRO-EM4569 Datasheet
50Kb / 1P
512 bit Read/Write Contactless Identification Device
EM4033 EMMICRO-EM4033 Datasheet
63Kb / 1P
64 bit Read Only ISO15693 Standard Compliant Contactless Identification Device
EM4133 EMMICRO-EM4133 Datasheet
66Kb / 1P
512 bit Read/Write, ISO15693 Standard Compliant Contactless RW Identification Device
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com