Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EN71PL03280 Datasheet(PDF) 2 Page - Eon Silicon Solution Inc.

Part # EN71PL03280
Description  Stacked Multi-Chip Product (MCP) Flash Memory and RAM
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EON [Eon Silicon Solution Inc.]
Direct Link  http://www.essi.com.tw
Logo EON - Eon Silicon Solution Inc.

EN71PL03280 Datasheet(HTML) 2 Page - Eon Silicon Solution Inc.

  EN71PL03280 Datasheet HTML 1Page - Eon Silicon Solution Inc. EN71PL03280 Datasheet HTML 2Page - Eon Silicon Solution Inc. EN71PL03280 Datasheet HTML 3Page - Eon Silicon Solution Inc. EN71PL03280 Datasheet HTML 4Page - Eon Silicon Solution Inc. EN71PL03280 Datasheet HTML 5Page - Eon Silicon Solution Inc. EN71PL03280 Datasheet HTML 6Page - Eon Silicon Solution Inc. EN71PL03280 Datasheet HTML 7Page - Eon Silicon Solution Inc. EN71PL03280 Datasheet HTML 8Page - Eon Silicon Solution Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
This Data Sheet may be revised by subsequent versions
©2004 Eon Silicon Solution, Inc.,
www.eonssi.com
or modifications due to changes in technical specifications.
2
EN71PL03280
Rev. A, Issue Date: 2009/5/5
Distinctive Characteristics
MCP Features
■
Power supply voltage of 2.7 V to 3.3V
■
High performance
- 70 ns
■
Package
- 7 x 9 x 1.2mm 56 ball FBGA
■
Operating Temperature
- 25°C to +85°C
General Description
The EN71PL series is a product line of stacked Multi-Chip Product (MCP) packages and consists of:
■ EN29PL032 (Simultaneous Read/Write) Flash memory die.
■ Pseudo SRAM.
For detailed specifications, please refer to the individual datasheets listed in the following table.
Device
Document
NOR Flash
EN29PL032
Pseudo SRAM
ENPSL80
Product Selector Guide
32Mb Flash Memory
Device-Model#
EN71PL03280
pSRAM density
8M pSRAM
Flash Access time
70ns
pSRAM Access time
70ns
Page read Access time 25ns
pSRAM Page read Access
time
25ns
Package
56 FBGA
EN71PL032 Base MCP
Stacked Multi-Chip Product (MCP) Flash Memory and RAM
32 Megabit (2M x 16-bit) CMOS 3.0 Volt-only Simultaneous
Operation Page Mode Flash Memory and
8 Megabit (512K x 16-bit) Pseudo Static RAM



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com