Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EN71PL03280 Datasheet(PDF) 7 Page - Eon Silicon Solution Inc.

Part # EN71PL03280
Description  Stacked Multi-Chip Product (MCP) Flash Memory and RAM
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EON [Eon Silicon Solution Inc.]
Direct Link  http://www.essi.com.tw
Logo EON - Eon Silicon Solution Inc.

EN71PL03280 Datasheet(HTML) 7 Page - Eon Silicon Solution Inc.

  EN71PL03280 Datasheet HTML 1Page - Eon Silicon Solution Inc. EN71PL03280 Datasheet HTML 2Page - Eon Silicon Solution Inc. EN71PL03280 Datasheet HTML 3Page - Eon Silicon Solution Inc. EN71PL03280 Datasheet HTML 4Page - Eon Silicon Solution Inc. EN71PL03280 Datasheet HTML 5Page - Eon Silicon Solution Inc. EN71PL03280 Datasheet HTML 6Page - Eon Silicon Solution Inc. EN71PL03280 Datasheet HTML 7Page - Eon Silicon Solution Inc. EN71PL03280 Datasheet HTML 8Page - Eon Silicon Solution Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
This Data Sheet may be revised by subsequent versions
©2004 Eon Silicon Solution, Inc.,
www.eonssi.com
or modifications due to changes in technical specifications.
7
EN71PL03280
Rev. A, Issue Date: 2009/5/5
PACKAGE MECHANICAL
56-ball Fine-Pitch Ball Grid Array (FBGA) 7 x 9 mm Package
MIN.
NOR
MAX
A
- - -
- - -
1.20
A1
0.25
0.30
0.35
A2
0.61
0.66
0.71
D
6.90
7.00
7.10
E
8.90
9.00
9.10
D1
- - -
5.60
- - -
E1
- - -
5.60
- - -
e
- - -
0.80
- - -
b
0.35
0.40
0.45
DIMENSION IN MM
SYMBOL
Note : 1. Coplanarity: 0.1 mm



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com