Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny88 Datasheet(PDF) 3 Page - ATMEL Corporation

Part # ATtiny88
Description  8-bit Microcontroller with 4/8K Bytes In-System Programmable Flash
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny88 Datasheet(HTML) 3 Page - ATMEL Corporation

  ATtiny88 Datasheet HTML 1Page - ATMEL Corporation ATtiny88 Datasheet HTML 2Page - ATMEL Corporation ATtiny88 Datasheet HTML 3Page - ATMEL Corporation ATtiny88 Datasheet HTML 4Page - ATMEL Corporation ATtiny88 Datasheet HTML 5Page - ATMEL Corporation ATtiny88 Datasheet HTML 6Page - ATMEL Corporation ATtiny88 Datasheet HTML 7Page - ATMEL Corporation ATtiny88 Datasheet HTML 8Page - ATMEL Corporation ATtiny88 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
3
8008CS–AVR–03/09
ATtiny48/88
1.1
Pin Descriptions
1.1.1
VCC
Digital supply voltage.
1.1.2
GND
Ground.
1.1.3
Port A (PA3:0) (in 32-lead TQFP and 32-pad QFN/MLF packages, only)
Port A is a 4-bit bi-directional I/O port with internal pull-up resistors (selected for each bit) in 32-
lead TQFP and 32-pad QFN/MLF package. The PA3..0 output buffers have symmetrical drive
characteristics with both high sink and source capability. As inputs, Port A pins that are exter-
nally pulled low will source current if the pull-up resistors are activated. The Port A pins are tri-
stated when a reset condition becomes active, even if the clock is not running.
1.1.4
Port B (PB7:0)
Port B is an 8-bit bi-directional I/O port with internal pull-up resistors (selected for each bit). The
Port B output buffers have symmetrical drive characteristics with both high sink and source
capability. As inputs, Port B pins that are externally pulled low will source current if the pull-up
resistors are activated. The Port B pins are tri-stated when a reset condition becomes active,
even if the clock is not running.
Depending on the clock selection fuse settings, PB6 can be used as input to the internal clock
operating circuit.
The various special features of Port B are elaborated in “Alternate Functions of Port B” on page
64 and “System Clock and Clock Options” on page 25.
1.1.5
Port C (PC7, PC5:0)
Port C is a 8-bit bi-directional I/O port with internal pull-up resistors (selected for each bit). The
PC7 and PC5..0 output buffers have symmetrical drive characteristics with both high sink and
source capability. As inputs, Port C pins that are externally pulled low will source current if the
pull-up resistors are activated. The Port C pins are tri-stated when a reset condition becomes
active, even if the clock is not running.
1.1.6
PC6/RESET
If the RSTDISBL Fuse is programmed, PC6 is used as an I/O pin. Note that the electrical char-
acteristics of PC6 differ from those of the other pins of Port C.
If the RSTDISBL Fuse is unprogrammed, PC6 is used as a reset input. A low level on this pin for
longer than the minimum pulse width will generate a reset, even if the clock is not running. The
minimum pulse length is given in Table 21-3 on page 204. Shorter pulses are not guaranteed to
generate a reset.
The various special features of Port C are elaborated in “Alternate Functions of Port C” on page
67.
1.1.7
Port D (PD7:0)
Port D is an 8-bit bi-directional I/O port with internal pull-up resistors (selected for each bit). The
PD7..4 output buffers have symmetrical drive characteristics with both high sink and source
capabilities, while the PD3..0 output buffers have stronger sink capabilities. As inputs, Port D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com