Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny88 Datasheet(PDF) 6 Page - ATMEL Corporation

Part # ATtiny88
Description  8-bit Microcontroller with 4/8K Bytes In-System Programmable Flash
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny88 Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button ATtiny88 Datasheet HTML 2Page - ATMEL Corporation ATtiny88 Datasheet HTML 3Page - ATMEL Corporation ATtiny88 Datasheet HTML 4Page - ATMEL Corporation ATtiny88 Datasheet HTML 5Page - ATMEL Corporation ATtiny88 Datasheet HTML 6Page - ATMEL Corporation ATtiny88 Datasheet HTML 7Page - ATMEL Corporation ATtiny88 Datasheet HTML 8Page - ATMEL Corporation ATtiny88 Datasheet HTML 9Page - ATMEL Corporation ATtiny88 Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
6
8008CS–AVR–03/09
ATtiny48/88
The ATtiny48/88 provides the following features: 4/8K bytes of In-System Programmable Flash,
64/64 bytes EEPROM, 256/512 bytes SRAM, 24 general purpose I/O lines (28 I/Os in 32-lead
TQFP and 32-pad QFN/MLF packages), 32 general purpose working registers, two flexible
Timer/Counters with compare modes, internal and external interrupts, a byte-oriented 2-wire
serial interface, an SPI serial port, a 6-channel 10-bit ADC (8 channels in 32-lead TQFP and 32-
pad QFN/MLF packages), a programmable Watchdog Timer with internal oscillator, and three
software selectable power saving modes. Idle mode stops the CPU while allowing Timer/Coun-
ters, 2-wire serial interface, SPI port, and interrupt system to continue functioning. Power-down
mode saves the register contents but freezes the oscillator, disabling all other chip functions until
the next interrupt or hardware reset. ADC Noise Reduction mode stops the CPU and all I/O
modules except ADC, and helps to minimize switching noise during ADC conversions.
The device is manufactured using Atmel’s high density non-volatile memory technology. The
On-chip ISP Flash allows the program memory to be reprogrammed In-System through an SPI
serial interface, by a conventional non-volatile memory programmer, or by an on-chip boot pro-
gram running on the AVR core. The boot program can use any interface to download the
application program in the Flash memory. By combining an 8-bit RISC CPU with In-System Self-
Programmable Flash on a monolithic chip, the Atmel ATtiny48/88 is a powerful microcontroller
that provides a highly flexible and cost effective solution to many embedded control applications.
The ATtiny48/88 AVR is supported by a full suite of program and system development tools
including: C compilers, macro assemblers, program debugger/simulators and evaluation kits.
2.2
Comparison Between ATtiny48 and ATtiny88
The ATtiny48 and ATtiny88 differ only in memory sizes. Table 2-1 summarizes the different
memory sizes for the two devices.
Table 2-1.
Memory Size Summary
Device
Flash
EEPROM
RAM
ATtiny48
4K Bytes
64 Bytes
256 Bytes
ATtiny88
8K Bytes
64 Bytes
512 Bytes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com