Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

560PWC Datasheet(PDF) 4 Page - HB Electronic Components

Part # 560PWC
Description  5MM LED
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HB [HB Electronic Components]
Direct Link  http://www.hebeiltd.com.cn
Logo HB - HB Electronic Components

560PWC Datasheet(HTML) 4 Page - HB Electronic Components

  560PWC Datasheet HTML 1Page - HB Electronic Components 560PWC Datasheet HTML 2Page - HB Electronic Components 560PWC Datasheet HTML 3Page - HB Electronic Components 560PWC Datasheet HTML 4Page - HB Electronic Components 560PWC Datasheet HTML 5Page - HB Electronic Components  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Hebei I.T. (Shanghai) Co., Ltd.
www.ledz.com
4/5
5MM LED SPECIFICATION
Part No./型号: 560PWC
Typical electrical/optical characteristic curves/光电特性曲线:
Ambient Temperature TA ( )
℃
-40
0
20
0
0.5
1.0
1.5
80 90
60
40
2.0
2.5
-20
Fig.3 正向电流 Vs. 环境温度
Fig.4 相对亮度 Vs. 环境温度
Fig.2 相对亮度 Vs. 正向电流
Fig.1 正向电流 Vs. 正向电压
2.6
50
40
2.0
1.5
1.0
2.5
40
20
30
50
0.5
30
20
10
0
0
3.6
10
0
3.2
3.0
2.8
3.4
40
50
Forward Voltage(V)
IF-Forward Current (mA)
100
80
20
60
40
10
20
0
0
Ambient Temperature TA ( )
℃
30
Ta=25 ℃
700
650
600
550
500
450
1.2
0.8
1.0
0.2
0.4
0. 6
400
0
Wave length
(nm)
Fig .5 相对亮度 Vs 波长



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com