Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

560PWC Datasheet(PDF) 2 Page - HB Electronic Components

Part # 560PWC
Description  5MM LED
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HB [HB Electronic Components]
Direct Link  http://www.hebeiltd.com.cn
Logo HB - HB Electronic Components

560PWC Datasheet(HTML) 2 Page - HB Electronic Components

  560PWC Datasheet HTML 1Page - HB Electronic Components 560PWC Datasheet HTML 2Page - HB Electronic Components 560PWC Datasheet HTML 3Page - HB Electronic Components 560PWC Datasheet HTML 4Page - HB Electronic Components 560PWC Datasheet HTML 5Page - HB Electronic Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Hebei I.T. (Shanghai) Co., Ltd.
www.ledz.com
2/5
5MM LED SPECIFICATION
Part No./型号: 560PWC
Absolute maximum ratings/极限参数(Ta = 25℃)
Value 数值
Parameter
参数
Symbol
符号
Test
Condition
测试条件
Min.
Max.
Unit
单位
Reverse Voltage
反向电压
VR
IR = 30μA
5
--
V
Forward Current
正向工作电流
IF
----
----
25
mA
Power Dissipation
损耗功率
Pd
----
----
108
mW
Pulse Current
正向峰值电流
Ipeak
Duty=0.1mS,1kHz
----
100
mA
Operating Temperature
工作温度范围
Topr
----
-40
+85
℃
Storage
Temperature
储存温度范围
Tstr
----
-40
+100
℃
Electrical and optical characteristics /光电参数(Ta = 25℃)
Value 数值
Parameter
参数
Symbol
符号
Test
Condition
测试条件
Min.
Typ.
Max.
Unit
单位
Forward Voltage
正向电压
VF
IF = 20mA
----
3.2
3.6
V
Reverse Current
反向电流
IR
VR = 5V
----
----
30
μA
Luminous Intensity
发光强度
IV
IF = 20mA
----
2000
----
mcd
Viewing Angle
指向角度
2θ1/2
IF = 20mA
----
55
----
Deg.
Luminous Intensity Bins Chart/发光强度分档(Ta = 25℃)
Bin
T
U
V
W
X
Min
1000
1500
2000
3000
4000
Max
1500
2000
3000
4000
6000



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com