Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT90SCR050 Datasheet(PDF) 2 Page - ATMEL Corporation

Part # AT90SCR050
Description  8-bit Microcontroller for Smart Card Readers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90SCR050 Datasheet(HTML) 2 Page - ATMEL Corporation

  AT90SCR050 Datasheet HTML 1Page - ATMEL Corporation AT90SCR050 Datasheet HTML 2Page - ATMEL Corporation AT90SCR050 Datasheet HTML 3Page - ATMEL Corporation AT90SCR050 Datasheet HTML 4Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
TPG0450X–SMS–09Nov09
AT90SCR050
• Up to 4 x I/O Programmable Pins
• One LED Output with Programmable Current Sources: 2 or 4 mA
• Operating Temperature
– Industrial (-40°C to +85°C)
• Core Operating Voltages
– 2.4 - 5.5V
• DC/DC Operating Voltages
– 2.7 - 5.5V
• Maximum Frequency
–8MHz Clock Input



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com