Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT90SCR050 Datasheet(PDF) 3 Page - ATMEL Corporation

Part # AT90SCR050
Description  8-bit Microcontroller for Smart Card Readers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90SCR050 Datasheet(HTML) 3 Page - ATMEL Corporation

  AT90SCR050 Datasheet HTML 1Page - ATMEL Corporation AT90SCR050 Datasheet HTML 2Page - ATMEL Corporation AT90SCR050 Datasheet HTML 3Page - ATMEL Corporation AT90SCR050 Datasheet HTML 4Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
1
TPG0450X–SMS–09Nov09
AT90SCR050
Supply
Monitor
Interrupt
Controller
Watchdog
48MHz
USB
Power
Management
SRAM
768 Bytes
ROM
16 KB
cpu
USB DMA
USART
(in SPI mode)
Pin Change IT
Pin Change IT
LED port
8bit T/C 0
16bit T/C 1
Timers/Counters
USB device
Clock
Management
Smart Card Interface
Standard ISO7816
PD1, TXD, PCINT17
PD0, RXD, PCINT16
PB0, T0, XCK, PCINT8
PC2, LED0
1.
Block Diagram
Figure 1-1.
Block Diagram



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com